Electronic Components Datasheet Search
  English  ▼

X  

PT2213 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2213
Description  Infrared Remote Control Transmitter???
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2213 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2213 Datasheet HTML 1Page - Princeton Technology Corp PT2213 Datasheet HTML 2Page - Princeton Technology Corp PT2213 Datasheet HTML 3Page - Princeton Technology Corp PT2213 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel : 886-2-29162151
Fax : 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Transmitter
PT2213
PT2213 v1.2
Page 3
Written August 1999
Princeton Technology Corp.
APPLICATION CIRCUITS
SEL2 =HIGH (SEL2 connected to VDD)
1
2
3
4
33
34
35
36
5
6
7
8
37
38
39
40
9
10
11
12
41
42
43
44
13
14
15
16
45
46
47
48
17
18
19
20
49
50
51
52
21
22
23
24
53
54
55
56
25
26
27
28
57
58
59
60
29
30
31
32
61
62
63
64
PT2213
SE L 1
KO 0
KI0
KO 1
KI1
KO2
KI2
KO 3
KI3 KI4 KI5 KI6 KI7
RE M
VD D SE L 2
O S C 1
OS C 2
V S S
KO 4 KO5 KO 6 KO 7 LM P
455 KHz
C
C
+
47uF
VD D = 3 V
1K O hm s
VD D
2 O hm s
Note:
KI0 to KI7
KO0 to KO 7
Key M atrix
Tran sm issio n
Indica to r LED
Wire d
(one place for inpu t lin e)
n
n= 1 to 64
sho rt
IR
LED
N ote: The suggested value of C is 100pF to 200pF.
+
PCB Layout Notes:
1. Power Supply must first support the IC's "VDD" before the Supply IR LED "VDD".
2. It is recommended that the 47µF Capacitor must be placed between the IC's "Vss" and
"VDD".



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com