Electronic Components Datasheet Search
  English  ▼

X  

PT2213 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2213
Description  Infrared Remote Control Transmitter???
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2213 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2213 Datasheet HTML 1Page - Princeton Technology Corp PT2213 Datasheet HTML 2Page - Princeton Technology Corp PT2213 Datasheet HTML 3Page - Princeton Technology Corp PT2213 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tel : 886-2-29162151
Fax : 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Transmitter
PT2213
PT2213 v1.2
Page 4
Written August 1999
Princeton Technology Corp.
SEL2 =HIGH (SEL2 connected to VSS)
1
2
3
4
33
34
35
36
5
6
7
8
37
38
39
40
9
10
11
12
41
42
43
44
13
14
15
16
45
46
47
48
17
18
19
20
49
50
51
52
21
22
23
24
53
54
55
56
25
26
27
28
57
58
59
60
29
30
31
32
61
62
63
64
PT2213
SEL 1
KO0
KI0
KO 1
KI1
KO2
KI2
KO 3
KI3 KI4 KI5 KI6 KI7
REM
VDD SEL 2
O S C 1
OS C2
V SS
KO4 KO5 KO6 KO7 LMP
45 5 K H z
C
C
1K O h m s
VD D
Note :
KI0 to KI7
KO 0 to K O 7
Ke y M atrix
Tra ns m issio n
In dic ator L E D
Wired
(one pla ce for in put lin e)
n
n=1 to 64
KO 0 TO KO7
SEL 1
N ote: The suggested value of C is 100pF to 200pF.
+
47uF
VD D= 3V
2 O h m s
IR
LED
+
PCB Layout Notes:
1. Power Supply must first support the IC's "VDD" before the Supply IR LED "VDD".
3. It is recommended that the 47µF Capacitor must be placed between the IC's "Vss" and
"VDD".



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com