Electronic Components Datasheet Search
  English  ▼

X  

PT2213 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2213
Description  Infrared Remote Control Transmitter???
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2213 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2213 Datasheet HTML 1Page - Princeton Technology Corp PT2213 Datasheet HTML 2Page - Princeton Technology Corp PT2213 Datasheet HTML 3Page - Princeton Technology Corp PT2213 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel : 886-2-29162151
Fax : 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Transmitter
PT2213
PT2213 v1.2
Page 1
Written August 1999
Princeton Technology Corp.
DESCRIPTION
PT2213 is a remote control transmitter utilizing CMOS Technology specially designed for
infrared remote control applications. PT2213 can support up to 64 function keys and provides 2
different kinds of system codes. Pin assignments and application circuit are optimized for easy
PCB Layout and low cost advantage.
FEATURES
! CMOS Technology
! Low Power Consumption
! Least External Components
! Low Voltage Operation
! Double Key Operation is provided when SEL2 is connected to VDD.
! Up to 64 Function Keys provided
! 2 Kinds of System Codes
! High Efficiency Transmission
! Transmission Indication Output Pin provided
! Available in 24 Pins, SO or DIP Package
APPLICATIONS
! Television
! VCR
! Video Disc
! CD Player
! AV Controller
! Audio Equipment


Similar Part No. - PT2213

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT22131 DATATRONICS-PT22131 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
PT22132 DATATRONICS-PT22132 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
PT22133 DATATRONICS-PT22133 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
PT22134 DATATRONICS-PT22134 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
PT22135 DATATRONICS-PT22135 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
More results

Similar Description - PT2213

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
Infrared Remote Control Transmitter???
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
Infrared Remote Control Transmitter???
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC50560 SILAN-SC50560 Datasheet
224Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
Infrared Remote Control Transmitter
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
Infrared Remote Control Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com