Electronic Components Datasheet Search
  English  ▼

X  

CDB4354 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB4354
Description  5 V Stereo DAC with 2 VRMS Ground-centered Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4354 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB4354 Datasheet HTML 1Page - Cirrus Logic CDB4354 Datasheet HTML 2Page - Cirrus Logic CDB4354 Datasheet HTML 3Page - Cirrus Logic CDB4354 Datasheet HTML 4Page - Cirrus Logic CDB4354 Datasheet HTML 5Page - Cirrus Logic CDB4354 Datasheet HTML 6Page - Cirrus Logic CDB4354 Datasheet HTML 7Page - Cirrus Logic CDB4354 Datasheet HTML 8Page - Cirrus Logic CDB4354 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DS895A2
5
CS4354
2. CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
GND = 0 V; all voltages with respect to ground.(Note 1)
Notes: 1. Device functional operation is guaranteed within these limits. Functionality is not guaranteed or implied
outside of these limits. Operation outside of these limits may adversely affect device reliability.
ABSOLUTE MAXIMUM RATINGS
GND = 0 V; all voltages with respect to ground.
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
Notes: 2. The maximum over/under voltage is limited by the input current except on the power supply pin.
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
Analog power
Interface power
VA
VL
4.75
1.4
5.0
1.8, 3.3, 5.0
5.25
5.25
V
V
Ambient Operating Temperature (Power Applied)
-CSZ
TA
-40
-
+85
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
Low Voltage Analog Power
Interface Power
VA
VL
-0.3
-0.3
6.0
6.0
V
V
Input Current, Any Pin Except Supplies
Iin
-±10
mA
Digital Input Voltage (Note 2)
Digital Interface
VIN-L
-0.3
VL+ 0.4
V
Ambient Operating Temperature (Power Applied)
TA
-55
+125
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com