Electronic Components Datasheet Search
  English  ▼

X  

CDB4354 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CDB4354
Description  5 V Stereo DAC with 2 VRMS Ground-centered Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4354 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CDB4354 Datasheet HTML 5Page - Cirrus Logic CDB4354 Datasheet HTML 6Page - Cirrus Logic CDB4354 Datasheet HTML 7Page - Cirrus Logic CDB4354 Datasheet HTML 8Page - Cirrus Logic CDB4354 Datasheet HTML 9Page - Cirrus Logic CDB4354 Datasheet HTML 10Page - Cirrus Logic CDB4354 Datasheet HTML 11Page - Cirrus Logic CDB4354 Datasheet HTML 12Page - Cirrus Logic CDB4354 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DS895A2
9
CS4354
Figure 1. External Serial Clock Mode Input Timing
Figure 2. Internal Serial Clock Mode Input Timing
Figure 3. Internal Serial Clock Generation
sclkh
t
slrs
t
slrd
t
sdlrs
t
sdh
t
sclkl
t
SDIN
SCLK
LRCK
SDIN
*
LRCK
MCLK
tmclkf
sclkr
t
sdh
t
sdlrs
t
INTERNAL
SCLK
sclkw
t
The SCLK pulses shown are internal to the CS4354.
SDIN
LRCK
MCLK
*INTERNAL SCLK
1
N
2
N
* The SCLK pulses shown are internal to the CS4354.
N equals MCLK divided by SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com