Electronic Components Datasheet Search
  English  ▼

X  

CDB4354 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB4354
Description  5 V Stereo DAC with 2 VRMS Ground-centered Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4354 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB4354 Datasheet HTML 1Page - Cirrus Logic CDB4354 Datasheet HTML 2Page - Cirrus Logic CDB4354 Datasheet HTML 3Page - Cirrus Logic CDB4354 Datasheet HTML 4Page - Cirrus Logic CDB4354 Datasheet HTML 5Page - Cirrus Logic CDB4354 Datasheet HTML 6Page - Cirrus Logic CDB4354 Datasheet HTML 7Page - Cirrus Logic CDB4354 Datasheet HTML 8Page - Cirrus Logic CDB4354 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
DS895A2
CS4354
1. PIN DESCRIPTIONS
Pin Name Pin #
Pin Description
VL
1
Serial Audio Interface Power (Input) - Positive power for the serial audio interface.
SDIN
2
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
MCLK
3
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
LRCK
4
Left / Right Clock (Input) - Determines which channel, Left or Right, is currently active on the serial
audio data line.
SCLK/DEM
5
Serial Clock (Input) - Serial clock for the serial audio interface.
FILT+
7
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.
AOUTA
AOUTB
8
9
Analog Outputs (Output) - The full-scale analog line output level is specified in the Analog Characteris-
tics table.
GND
6, 10 Ground (Input) - Ground reference. See Section 4.10 on page 18 for layout considerations.
VA
11
Analog, Charge Pump, and Regulator Power (Input) - Positive power supply for the analog, inverting
charge pump, and regulator for the digital core logic sections.
FLYP
FLYN
12
13
Inverting Charge Pump Cap Positive/Negative Nodes (Output) - Positive and Negative nodes for the
inverting charge pump’s flying capacitor.
-VFILT
14
Inverting Charge Pump Filter Connection (Output) - Power supply from the inverting charge pump that
provides the negative rail for the output amplifiers.
VL
-VFILT
SDIN
FLYN
MCLK
FLYP
LRCK
VA
SCLK/DEM
GND
GND
AOUTB
FILT+
AOUTA
1
2
3
4
5
6
7
9
10
11
12
13
14
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com