Electronic Components Datasheet Search
  English  ▼

X  

D3207 Datasheet(PDF) 7 Page - Tyco Electronics

Part # D3207
Description  FX2 Relay
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D3207 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button D3207 Datasheet HTML 3Page - Tyco Electronics D3207 Datasheet HTML 4Page - Tyco Electronics D3207 Datasheet HTML 5Page - Tyco Electronics D3207 Datasheet HTML 6Page - Tyco Electronics D3207 Datasheet HTML 7Page - Tyco Electronics D3207 Datasheet HTML 8Page - Tyco Electronics D3207 Datasheet HTML 9Page - Tyco Electronics D3207 Datasheet HTML 10Page - Tyco Electronics D3207 Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
108-98003 Rev. G
All specifications subject to change. Consult Tyco Electronics for latest specifications.
7 of 11
Telecom-, Signal and RF Relays
FX2 Relay
AXICOM
Contact Data
Number of contacts and type
2 changeover contacts
Contact assembly
Bifurcated contacts
Contact material
Palladium-ruthenium - gold covered
Limiting continuous current at max. ambient temperature
2 A
Maximum switching current
2 A
Maximum swichting voltage
220 Vdc
250 Vac
Maximum switching capacity
60 W, 62.5 VA
Thermoelectric potential
< 10 µV
Minimum switching voltage
100 µV
Initial contact resistance / measuring condition: 10 mA / 20 mV
< 70 mΩ
Electrical endurance
CC0 contact category 0 (≤ 30 mV / ≤ 10 mA)
at cable load open end
at 24 V / 1.25 A
at 125 V / 0.24 A
at 30 V / 2 A
min. 2.5 x 106 operations
min. 2.0 x 106 operations
min. 5 x 105 operations
min. 5 x 105 operations
min. 5 x 105 operations
Mechanical endurance
typ. 108 operations
UL contact ratings
220 Vdc / 0.24 A - 60 W
125 Vdc / 0.24 A - 30 W
250 Vac / 0.25 A - 62.5 VA
125 Vac / 0.5 A - 62.5 VA
30 Vdc / 2 A - 60 W
Max. DC Load Breaking Capacity
DC current [A]
resistive load



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com