Electronic Components Datasheet Search
  English  ▼

X  

D3207 Datasheet(PDF) 6 Page - Tyco Electronics

Part # D3207
Description  FX2 Relay
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D3207 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button D3207 Datasheet HTML 2Page - Tyco Electronics D3207 Datasheet HTML 3Page - Tyco Electronics D3207 Datasheet HTML 4Page - Tyco Electronics D3207 Datasheet HTML 5Page - Tyco Electronics D3207 Datasheet HTML 6Page - Tyco Electronics D3207 Datasheet HTML 7Page - Tyco Electronics D3207 Datasheet HTML 8Page - Tyco Electronics D3207 Datasheet HTML 9Page - Tyco Electronics D3207 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
108-98003 Rev. G
All specifications subject to change. Consult Tyco Electronics for latest specifications.
6 of 11
Telecom-, Signal and RF Relays
FX2 Relay
AXICOM
Coil Data (values at 23 °C)
Ordering Information
Nominal
voltage
Unom
Operate/set voltage range
Release/
reset voltage
Minimum
Coil
power
Coil
Resistance
Relay
code
Tyco part
number
Minimum
voltage Umin
Maximum
voltage Umax
Vdc
Vdc
Vdc
Vdc
mW
Ω / ± 10 %
Standard Version
Non-Latching, 1 coil
3
2.10
6.30
0.30
140
64
D 3206
1462034-6
4
2.80
8.40
0.40
140
114
D 3207
1462034-8
4.5
3.15
9.40
0.45
140
145
D 3204
1462034-2
5
3.50
10.50
0.50
140
178
D 3209
1462034-9
6
4.20
12.60
0.60
140
257
D 3205
1462034-5
9
6.30
18.90
0.90
140
574
D 3210
1-1462034-3
12
8.40
25.20
1.20
140
1028
D 3202
1462034-1
24
16.80
42.20
2.40
200
2880
D 3212
1-1462034-4
48
33.60
68.90
4.80
300
7680
D 3213
1-1462034-5
High Sensitive Version
Non-Latching, 1 coil
3
2.25
8.30
0.30
80
113
D 3221
1-1462034-9
4.5
3.38
11.10
0.45
80
353
D 3222
2-1462034-0
5
3.75
12.50
0.50
80
313
D 3223
2-1462034-1
6
4.50
13.90
0.60
80
450
D 3224
2-1462034-2
9
6.75
16.70
0.90
80
1013
D 3225
2-1462034-3
12
9.00
33.40
1.20
80
1800
D 3226
2-1462034-4
24
18.00
50.40
2.40
140
4114
D 3227
2-1462034-5
48
36.00
70.00
4.80
260
8882
D 3228
2-1462034-6
Standard Version
Latching, 1 coil
3
2.25
7.50
-2.25
100
90
D 3241
2-1462034-8
4.5
3.38
11.20
-3.38
100
203
D 3242
2-1462034-9
5
3.75
12.40
-3.75
100
250
D 3243
3-1462034-0
6
4.50
14.90
-4.50
100
360
D 3244
3-1462034-1
9
6.75
22.40
-6.75
100
810
D 3245
3-1462034-2
12
9.00
29.80
-9.00
100
1440
D 3246
3-1462034-3
24
18.00
48.70
-18.00
150
3840
D 3247
3-1462034-4
High-Dielectric Version
Non-Latching, 1 coil
3
2.25
6.30
0.30
200
45
D 3291
6-1462034-6
Further coil versions are available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com