Electronic Components Datasheet Search
  English  ▼

X  

D3207 Datasheet(PDF) 3 Page - Tyco Electronics

Part # D3207
Description  FX2 Relay
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D3207 Datasheet(HTML) 3 Page - Tyco Electronics

  D3207 Datasheet HTML 1Page - Tyco Electronics D3207 Datasheet HTML 2Page - Tyco Electronics D3207 Datasheet HTML 3Page - Tyco Electronics D3207 Datasheet HTML 4Page - Tyco Electronics D3207 Datasheet HTML 5Page - Tyco Electronics D3207 Datasheet HTML 6Page - Tyco Electronics D3207 Datasheet HTML 7Page - Tyco Electronics D3207 Datasheet HTML 8Page - Tyco Electronics D3207 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
108-98003 Rev. G
All specifications subject to change. Consult Tyco Electronics for latest specifications.
3 of 11
Telecom-, Signal and RF Relays
FX2 Relay
AXICOM
2 pole telecom / signal relay
Through Hole Type (THT)
Polarized, latching or non-latching 1 coil
Relay types:
sensitive non lachting version with 1
coil high sensitive non latching version
with 1 coil, latching with 1 coil
ROHS compliant (Directive 2002/95/EC) as per
product date code 0342 / halogen free.
Features
• Telecom/signal relay (dry circuit, test access, ringing)
• Slim line 15 x 7.3 mm, 0.590 x 0.287 inch
• Switching current 2 A
• 2 changeover contacts (2 form C / DPDT)
• Bifurcated contacts
• High sensitivity results in low nominal power consump-
tion 80 mW for high sensitive, 140 mW for sensitive
version
• High dielectric characteristic
≤ 1800 Vrms also between open contact
• High surge capability (1.2 / 50 µs and 10 / 700 µs)
meets
Telcordia GR 1089 and FCC Part 68
≤ 2500 V between open contacts
≤ 3500 V between coil and contacts
• High mechanical shock
up to 300 G functional
up to 1500 G survival
• Hermetically sealed (RT V)
Typical applications
• Communications equipment
linecard application - analog, ISDN, xDSL, PABX
Voice over IP
• Office and business equipment
• Measurement and control equipment
• Consumer electronics
Set top boxes, HiFi
• Medical equipment
Insulation category
Supplementary insulation according
IEC / EN 60950
Working voltage
≤ 300 Vrms
Mains supply voltage
≤ 250 Vrms
Repetitive peak voltage
2500 V
Pollution degree
Internal: 1
External: 2
Flammability classification
V-0
Maximum operating temperature
85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com