Electronic Components Datasheet Search
  English  ▼

X  

ADM1024 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADM1024
Description  System Hardware Monitor with Remote Diode Thermal Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1024 Datasheet(HTML) 4 Page - ON Semiconductor

  ADM1024 Datasheet HTML 1Page - ON Semiconductor ADM1024 Datasheet HTML 2Page - ON Semiconductor ADM1024 Datasheet HTML 3Page - ON Semiconductor ADM1024 Datasheet HTML 4Page - ON Semiconductor ADM1024 Datasheet HTML 5Page - ON Semiconductor ADM1024 Datasheet HTML 6Page - ON Semiconductor ADM1024 Datasheet HTML 7Page - ON Semiconductor ADM1024 Datasheet HTML 8Page - ON Semiconductor ADM1024 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ADM1024
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted. (Note 1 and 2)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Supply Voltage, VCC
2.8
3.3
5.5
V
Supply Current, ICC
Interface inactive, ADC Active
ADC Inactive, DAC Active
Shutdown Mode
1.4
1.0
45
3.5
145
mA
mA
TEMPERATURE−TO−DIGITAL CONVERTER
Internal Sensor Accuracy
0°C ≤ TA ≤ 100°C
TA = 25°C
±3.0
±2.0
°C
Resolution
±1.0
°C
External Diode Sensor Accuracy
0°C ≤ TA ≤ 100°C
25°C
±3.0
±5.0
°C
Resolution
±1.0
°C
Remote Sensor Source Current
High level
Low level
80
4.0
110
6.5
150
9.0
mA
ANALOG−TO−DIGITAL CONVERTER (Including MUX and ATTENUATORS)
Total Unadjusted Error (TUE) (12 VIN)
(Note 3)
±4.0
%
TUE (AIN, VCCP, 2.5 VIN, 5.0 VIN)
±3.0
%
Differential Non−linearity (DNL)
±1.0
LSB
Power Supply Sensitivity
±1.0
%/V
Conversion Time
(Analog Input or Internal Temperature)
(Note 4)
754.8
856.8
ms
Conversion Time (External Temperature)
(Note 4)
9.6
ms
Input Resistance (2.5 V, 5.0 V, 12 V, VCCP1, VCCP2)
80
140
200
kW
Input Resistance (AIN1, AIN2)
5.0
MW
ANALOG OUTPUT
Output Voltage Range
0
2.5
V
Total Unadjusted Error (TUE)
IL = 2 mA
±3.0
%
Full−Scale Error
±1.0
±5.0
%
Zero−Scale Error
No load
2.0
LSB
Differential Non−linearity (DNL)
Monotonic by design
±1.0
LSB
Integral Non−linearity
±1.0
LSB
Output Source Current
2.0
mA
Output Sink Current
1.0
mA
FAN RPM−TO−DIGITAL CONVERTER
Accuracy
0°C ≤ TA ≤ 100°C
±12
%
Full−Scale Count
255
FAN1 to FAN2 Nominal Input RPM (Note 5)
Divisor = 1, fan count = 153
Divisor = 2, fan count = 153
Divisor = 3, fan count = 153
Divisor = 4, fan count = 153
8800
4400
2200
1100
RPM
Internal Clock Frequency
0°C ≤ TA ≤ 100°C
19.8
22.5
25.2
kHz
DIGITAL OUTPUTS (NTEST_OUT)
Output High Voltage, VOH
IOUT = +3.0 mA, VCC = 2.85 V −3.60 V
2.4
V
Output Low Voltage, VOL
IOUT = −3.0 mA, VCC = 2.85 V −3.60 V
0.4
V
OPEN−DRAIN DIGITAL OUTPUTS (INT, THERM, RESET) (Note 6)
Output Low Voltage, VOL
IOUT = 3.0 mA, VCC = 3.60 V
0.4
V
High Level Output Leakage Current, IOH
VOUT = VCC
0.1
100
mA
RESET and CI Pulsewidth
20
45
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com