Electronic Components Datasheet Search
  English  ▼

X  

PT2399 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2399
Description  Echo Processor IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2399 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2399 Datasheet HTML 1Page - Princeton Technology Corp PT2399 Datasheet HTML 2Page - Princeton Technology Corp PT2399 Datasheet HTML 3Page - Princeton Technology Corp PT2399 Datasheet HTML 4Page - Princeton Technology Corp PT2399 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Echo Processor IC
PT2399
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2399 v1.2
4
Updated September 2000
PT2399 SURROUND/DELAY APPLICATION CIRCUIT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
R
0.1uF
0.01uF
10uF
27
.K
560pF
15K
10K
5600pF
15K
4.7uF
Input
100K
Output
+5V
47uF
0.1uF
100uF
0.1uF
0.1uF
15K
15K
10K
560pF
5600pF
AGND DGND
0.1uF
PT2399
Note: Please refer to Table 1 for the Resistor/Delay Time values



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com