Electronic Components Datasheet Search
  English  ▼

X  

PT2399 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2399
Description  Echo Processor IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2399 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2399 Datasheet HTML 1Page - Princeton Technology Corp PT2399 Datasheet HTML 2Page - Princeton Technology Corp PT2399 Datasheet HTML 3Page - Princeton Technology Corp PT2399 Datasheet HTML 4Page - Princeton Technology Corp PT2399 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Echo Processor IC
PT2399
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2399 v1.2
5
Updated September 2000
TABLE 1: RESISTOR/DELAY TIME VALUES
RK
6
.
7
2K
3
.
1
2K
2
.
7
1K
3
.
4
1K
1
.
2
1K
5
.
0
1K
2
.
9K
2
.
8
k
c
fM
0
.
2M
5
.
2M
0
.
3M
5
.
3M
0
.
4M
5
.
4M
0
.
5M
5
.
5
d
ts
m
2
4
3s
m
3
7
2s
m
8
2
2s
m
6
9
1s
m
1
7
1s
m
1
5
1s
m
6
.
6
3
1s
m
1
.
4
2
1
D
H
T%
0
.
1%
8
.
0%
3
6
.
0%
3
5
.
0%
6
4
.
0%
1
4
.
0%
6
3
.
0%
3
3
.
0
RK
2
.
7K
4
.
6K
8
.
5K
4
.
5K
9
.
4K
5
.
4K
4K
4
.
3
k
c
fM
0
.
6M
5
.
6M
0
.
7M
5
.
7M
0
.
8M
5
.
8M
0
.
9M
0
1
d
ts
m
7
.
3
1
1s
m
3
.
4
0
1s
m
1
.
7
9s
m
2
.
2
9s
m
3
.
6
8s
m
1
8s
m
9
.
5
7s
m
1
.
8
6
D
H
T%
9
2
.
0%
7
2
.
0%
5
2
.
0%
5
2
.
0%
3
2
.
0%
2
2
.
0%
1
2
.
0%
9
1
.
0
RK
8
.
2K
4
.
2K
2K
7
6
.
1K
7
4
.
1K
8
2
.
1K
8
0
.
14
9
8
k
c
fM
1
1M
2
1M
3
1M
4
1M
5
1M
6
1M
7
1M
8
1
d
ts
m
6
.
1
6s
m
6
.
6
5s
m
3
.
2
5s
m
1
.
8
4s
m
8
.
5
4s
m
3
4s
m
6
.
0
4s
m
5
.
8
3
D
H
T%
8
1
.
0%
6
1
.
0%
5
1
.
0%
5
1
.
0%
5
1
.
0%
5
1
.
0%
4
1
.
0%
4
1
.
0
R3
2
79
1
58
8
25
.
0
k
c
fM
9
1M
0
2M
1
2M
2
2
d
ts
m
6
.
6
3s
m
4
.
4
3s
m
6
.
2
3s
m
3
.
1
3
D
H
T%
4
1
.
0%
3
1
.
0%
3
1
.
0%
3
1
.
0
Note: R = External Resistor (Ohms), please refer to PT2399 Surround/Delay Time Application Circuit
fck = Clock Frequency (Hz)
td = Delay Time
THD = Total Harmonic Distortion



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com