Electronic Components Datasheet Search
  English  ▼

X  

PT2399 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2399
Description  Echo Processor IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2399 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2399 Datasheet HTML 1Page - Princeton Technology Corp PT2399 Datasheet HTML 2Page - Princeton Technology Corp PT2399 Datasheet HTML 3Page - Princeton Technology Corp PT2399 Datasheet HTML 4Page - Princeton Technology Corp PT2399 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Echo Processor IC
PT2399
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2399 v1.2
1
Updated September 2000
DESCRIPTION
PT2399 is an echo audio processor IC utilizing CMOS Technology which is equipped with ADC and
DAC, high sampling frequency and an internal memory of 44K Digital processing is used to generate
the delay time, it also features an internal VCO circuit in the system clock, thereby, making the fre-
quency easily adjustable. PT2399 boast of very low distortion (THD<0.5%) and very low noise
(No<-90dBV), thus producing high quality audio output. The pin assignments and application circuit
are optimized for easy PCB layout and cost saving advantage.
FEATURES
Ì CMOS Technology
Ì Least External Components
Ì Auto Reset Function
Ì Low Noise, No<-90dBV Typical
Ì Low Distortion, THD<0.5% Typical
Ì External Adjustable VCO
Ì Available in 16 pins, DIP or SO package
APPLICATIONS
Ì Video Tape Recorder
Ì Video Compact Disk
Ì Television
Ì CD Player
Ì Car Stereo
Ì KARAOKE Mixer
Ì Electronic Musical Instrument
Ì Audio Equipment with Echo Processor


Similar Part No. - PT2399

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2399 PTC-PT2399 Datasheet
320Kb / 9P
Echo Processor IC
PT2399-SN PTC-PT2399-SN Datasheet
320Kb / 9P
Echo Processor IC
PT2399S PTC-PT2399S Datasheet
320Kb / 9P
Echo Processor IC
PT2399 PTC-PT2399_10 Datasheet
320Kb / 9P
Echo Processor IC
More results

Similar Description - PT2399

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2396 PTC-PT2396 Datasheet
152Kb / 5P
Digital Echo/Surround Processor IC
PT2398 PTC-PT2398 Datasheet
246Kb / 5P
Echo/Surround Processor
logo
Rohm
BU9253AS ROHM-BU9253AS Datasheet
72Kb / 6P
KARAOKE echo IC
logo
List of Unclassifed Man...
ES56030 ETC-ES56030 Datasheet
236Kb / 11P
ECHO SOUD PROCESSOR (8K)
TP5208 ETC1-TP5208 Datasheet
102Kb / 7P
64K SRAM ECHO PROCESSOR
TP5299 ETC1-TP5299 Datasheet
74Kb / 11P
ECHO PROCESSOR IC
logo
Silan Microelectronics ...
SC5399 SILAN-SC5399 Datasheet
151Kb / 7P
ECHO SOUND EFFECT PROCESSOR
logo
Princeton Technology Co...
PT2396 PTC-PT2396_10 Datasheet
470Kb / 18P
Digital Echo/Surround Processor IC
PT2399 PTC-PT2399_10 Datasheet
320Kb / 9P
Echo Processor IC
logo
List of Unclassifed Man...
CD2399GP ETC2-CD2399GP Datasheet
482Kb / 5P
Echo Processor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com