Electronic Components Datasheet Search
  English  ▼

X  

ADP4100 Datasheet(PDF) 6 Page - ON Semiconductor

Part # ADP4100
Description  Programmable Multi-Phase Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP4100 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ADP4100 Datasheet HTML 2Page - ON Semiconductor ADP4100 Datasheet HTML 3Page - ON Semiconductor ADP4100 Datasheet HTML 4Page - ON Semiconductor ADP4100 Datasheet HTML 5Page - ON Semiconductor ADP4100 Datasheet HTML 6Page - ON Semiconductor ADP4100 Datasheet HTML 7Page - ON Semiconductor ADP4100 Datasheet HTML 8Page - ON Semiconductor ADP4100 Datasheet HTML 9Page - ON Semiconductor ADP4100 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ADP4100
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS
Vin = (5.0 V) FBRTN − GND, for typical values TA = 25°C, for min/max values TA = 0°C to 85°C; unless otherwise noted.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Reference Current
Reference Bias Voltage
VIREF
1.75
1.8
1.85
V
Reference Bias Current
RIREF = 121 kW
IIREF
15
mA
Error Amplifier
Output Voltage Range (Note 6)
VCOMP
0
4.4
V
Accuracy
Relative to nominal DAC output, referenced to
FBRTN (see Figure 4)
In startup
VFB
VFB(BOOT)
7
1.093
1.1
7
1.107
mV
V
Load Line Positioning Accuracy
−77
−80
−83
mV
LLSET Input Voltage Range
−250
250
mV
LLSET Input Bias Current
−10
10
nA
Differential Non−linearity
−1.0
+1.0
LSB
Input Bias Current
RIREF = 121 kW
IFB
14.2
16
17.7
mA
FBRTN Current
IFBRTN
100
200
mA
Output Current
FB forced to VOUT −3%
ICOMP
500
mA
Gain Bandwidth Product
COMP = FB
GBW(ERR)
20
MHz
Slew Rate
COMP = FB
25
V/ms
BOOT Voltage Hold Time
Internal Timer
tBOOT
2.0
ms
VID Inputs
Input Low Voltage
VID(X)
VIL(VID)
0.3
V
Input High Voltage
VID(X)
VIH(VID)
0.8
V
Input Current
IIN(VID)
−5.0
mA
VID Transition Delay Time (Note 6)
VID code change to FB change
200
ns
No CPU Detection Turn−Off Delay
Time (Note 6)
VID code change to PWM going low
5.0
ms
Oscillator
Frequency Range (Note 6)
fOSC
0.25
9.0
MHz
Frequency Variation
TA = 25°C, RT = 270 kW, 6−phase
TA = 25°C, RT = 130 kW, 6−phase
TA = 25°C, RT = 68 kW, 6−phase
fPHASE
225
245
500
850
265
kHz
Output Voltage
RT = 500 kW to GND
VRT
1.93
2.03
2.13
V
RAMPADJ Output Voltage
RAMPADJ − FB, VFB = 1V, IRAMPADJ = −60 mA
VRAMPADJ
−50
+50
mV
RAMPADJ Input Current Range
IRAMPADJ
5.0
60
mA
Current Sense Amplifier
Offset Voltage
CSSUM − CSREF (see Figure 5)
VOS(CSA)
−1.0
+1.0
mV
Input Bias Current, CSREF
CSREF = 1.0 V
IBIAS(CSREF)
−20
+20
mA
Input Bias Current, CSSUM
CSREF = 1.0 V
IBIAS(CSSUM)
−10
+10
nA
Gain Bandwidth Product
CSSUM = CSCOMP
GBW(CSA)
10
MHz
Slew Rate
CCSCOMP = 10pF
10
V/ms
Input Common−Mode Range
CSSUM and CSREF
0
3.0
V
Output Voltage Range
0.05
3.0
V
Output Current
ICSCOMP
500
mA
Current−Limit Latchoff Delay time
Internal Timer
8.0
ms
6. Guaranteed by design or bench characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com