Electronic Components Datasheet Search
  English  ▼

X  

CAT661 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT661
Description  High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT661 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT661 Datasheet HTML 7Page - ON Semiconductor CAT661 Datasheet HTML 8Page - ON Semiconductor CAT661 Datasheet HTML 9Page - ON Semiconductor CAT661 Datasheet HTML 10Page - ON Semiconductor CAT661 Datasheet HTML 11Page - ON Semiconductor CAT661 Datasheet HTML 12Page - ON Semiconductor CAT661 Datasheet HTML 13Page - ON Semiconductor CAT661 Datasheet HTML 14Page - ON Semiconductor CAT661 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CAT661
http://onsemi.com
11
Typical Applications
Voltage Inversion Positive−to−Negative
The CAT661 easily provides a negative supply voltage from a positive supply in the system. Figure 24 shows a typical circuit.
The LV pin may be left floating for positive input voltages at or above 3.3 V.
Figure 24. Voltage Inverter
+
C2
CAT661
NC
+
C1
BOOST/FC
V+
OSC
LV
OUT
1
2
3
4
8
7
6
5
CAP+
CAP−
GND
VIN
1.5 V to 5.5 V
VOUT = −VIN
Positive Voltage Doubler
The voltage doubler circuit shown in Figure 25 gives VOUT = 2 x VIN for input voltages from 2.5 V to 5.5 V.
Figure 25. Voltage Doubler
CAT661
+
BOOST/FC
+
2.5 V to 5.5 V
1N5817*
*SCHOTTKY DIODE IS FOR START−UP ONLY
V+
OSC
LV
OUT
C2
150 mF
VOUT = 2VIN
8
7
6
5
1
2
3
4
C1
150 mF
CAP+
CAP−
GND
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com