Electronic Components Datasheet Search
  English  ▼

X  

CAT661 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT661
Description  High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT661 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT661 Datasheet HTML 1Page - ON Semiconductor CAT661 Datasheet HTML 2Page - ON Semiconductor CAT661 Datasheet HTML 3Page - ON Semiconductor CAT661 Datasheet HTML 4Page - ON Semiconductor CAT661 Datasheet HTML 5Page - ON Semiconductor CAT661 Datasheet HTML 6Page - ON Semiconductor CAT661 Datasheet HTML 7Page - ON Semiconductor CAT661 Datasheet HTML 8Page - ON Semiconductor CAT661 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CAT661
http://onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
V+ to GND
6
V
Input Voltage (Pins 1, 6 and 7)
−0.3 to (V+ + 0.3)
V
BOOST/FC and OSC Input Voltage
The least negative of (Out − 0.3 V) or
(V+ − 6 V) to (V+ + 0.3 V)
V
Output Short−circuit Duration to GND
(OUT may be shorted to GND for 1 sec without damage but shorting OUT
to V+ should be avoided.)
1
sec.
Continuous Power Dissipation (TA = 70°C)
Plastic DIP
SO
TDFN
730
500
1
mW
mW
W
Storage Temperature
−65 to +160
°C
Lead Soldering Temperature (10 sec)
300
°C
ESD Rating − Human Body Model
2000
V
Operating Ambient Temperature Range
−40 to +85
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: TA = Ambient Temperature
Table 3. ELECTRICAL CHARACTERISTICS (V+ = 5 V, C1 = C2 = 100 mF, Boost/FC = Open, COSC = 0 pF, and Test Circuit is
Figure 3 unless otherwise noted. Temperature is TA = TAMIN to TAMAX unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VS
Inverter: LV = Open, RL = 1 kW
3.0
5.5
V
Inverter: LV = GND, RL = 1 kW
1.5
5.5
Doubler: LV = OUT, RL = 1 kW
2.5
5.5
Supply Current
IS
BOOST/FC = open, LV = Open
0.2
0.5
mA
BOOST/FC = V+, LV = Open
1
3
Output Current
IOUT
OUT is more negative than −4 V
100
mA
Output Resistance
RO
C1 = C2 = 10 mF
BOOST/FC = V+ (C1, C2 ESR ≤ 0.5 W)
3.5
10
W
C1 = C2 = 100 mF (Note 2)
3.5
10
Oscillator Frequency
(Note 3)
FOSC
BOOST/FC = Open
10
25
kHz
BOOST/FC = V+
80
135
OSC Input Current
IOSC
BOOST/FC = Open
BOOST/FC = V+
±2
±10
mA
Power Efficiency
PE
RL = 1 kW connected between V+ and OUT,
TA = 25°C (Doubler)
96
98
%
RL = 500 W connected between GND and OUT,
TA = 25°C (Inverter)
92
96
IL = 100 mA to GND, TA = 25°C (Inverter)
88
Voltage Conversion
Efficiency
VEFF
No load, TA = 25°C
99
99.9
%
1. In Figure 3, test circuit electrolytic capacitors C1 and C2 are 100 mF and have 0.2 W maximum ESR. Higher ESR levels may reduce efficiency
and output voltage.
2. The output resistance is a combination of the internal switch resistance and the external capacitor ESR. For maximum voltage and efficiency
keep external capacitor ESR under 0.2 W.
3. FOSC is tested with COSC = 100 pF to minimize test fixture loading. The test is correlated back to COSC = 0 pF to simulate the capacitance
at OSC when the device is inserted into a test socket without an external COSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com