Electronic Components Datasheet Search
  English  ▼

X  

CAT661 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CAT661
Description  High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT661 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CAT661 Datasheet HTML 8Page - ON Semiconductor CAT661 Datasheet HTML 9Page - ON Semiconductor CAT661 Datasheet HTML 10Page - ON Semiconductor CAT661 Datasheet HTML 11Page - ON Semiconductor CAT661 Datasheet HTML 12Page - ON Semiconductor CAT661 Datasheet HTML 13Page - ON Semiconductor CAT661 Datasheet HTML 14Page - ON Semiconductor CAT661 Datasheet HTML 15Page - ON Semiconductor CAT661 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CAT661
http://onsemi.com
13
Cascade Operation for Higher Negative Voltages
The CAT661 can be cascaded as shown in Figure 28 to generate more negative voltage levels. The output resistance is
approximately the sum of the individual CAT661 output resistance.
VOUT = −N x VIN, where N represents the number of cascaded devices.
Figure 28. Cascading to Increase Output Voltage
+
C2
4
8
5
+
C1
+
CAT661
4
8
5
C1N
+
C2
VOUT = −NVIN
3
2
“N”
CAT661
“1”
3
2
+VIN
Parallel Operation
Paralleling CAT661 devices will lower output resistance. As shown in Figure 29, each device requires its own pump
capacitor, C2, but the output reservoir capacitor is shared with all devices. The value of C2 should be increased by a factor of
N, where N is the number of devices.
ROUT +
ROUT (of CAT661)
N (NUMBER OF DEVICES)
Figure 29. Reduce Output Resistance BY Paralleling Devices
+
C2
4
8
5
+
C1
+
4
8
5
C1N
CAT661
3
2
“N”
CAT661
“1”
3
2
+VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com