Electronic Components Datasheet Search
  English  ▼

X  

CAT809 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT809
Description  3-Pin Microprocessor Power Supply Supervisors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT809 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT809 Datasheet HTML 2Page - ON Semiconductor CAT809 Datasheet HTML 3Page - ON Semiconductor CAT809 Datasheet HTML 4Page - ON Semiconductor CAT809 Datasheet HTML 5Page - ON Semiconductor CAT809 Datasheet HTML 6Page - ON Semiconductor CAT809 Datasheet HTML 7Page - ON Semiconductor CAT809 Datasheet HTML 8Page - ON Semiconductor CAT809 Datasheet HTML 9Page - ON Semiconductor CAT809 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT803, CAT809, CAT810
6
Doc. No. MD-3004, Rev. AA
© 200 SCILLC. All rights reserved.
Characteristics subject to change without notice
0V
CAT803, CAT809
5V
0V
5V
RESET/OUT
RESET
TD
VTH
VCC
TR
(140ms
minimum)
Reset Timeout Period
CAT810
0V
5V
DETAILED DESCRIPTIOnS
RESET TIMInG
The reset signal is asserted LOW for the CAT803/
CAT809 and HIGH for the CAT80 when the power
supply voltage falls below the threshold trip voltage and
remains asserted for at least 40ms after the power
supply voltage has risen above the threshold.
figure 2. Maximum Transient Duration Without Causing a Reset Pulse vs. Reset Comparator Overdrive
VCC TRAnSIEnT RESPOnSE
The CAT803/CAT809/CAT80 protect µPs against
brownout failure. Short duration transients of 4µsec
or less and 00mV amplitude typically do not cause a
false RESET.
Figure 2 shows the maximum pulse duration of negative-
going VCC transients that do not cause a reset condition.
figure 1. Reset Timing Diagram
As the amplitude of the transient goes further below
the threshold (increasing VTH - VCC), the maximum
pulse duration decreases. In this test, the VCC starts
from an initial voltage of 0.5V above the threshold and
drops below it by the amplitude of the overdrive voltage
(VTH - VCC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com