Electronic Components Datasheet Search
  English  ▼

X  

CAT809 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT809
Description  3-Pin Microprocessor Power Supply Supervisors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT809 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT809 Datasheet HTML 1Page - ON Semiconductor CAT809 Datasheet HTML 2Page - ON Semiconductor CAT809 Datasheet HTML 3Page - ON Semiconductor CAT809 Datasheet HTML 4Page - ON Semiconductor CAT809 Datasheet HTML 5Page - ON Semiconductor CAT809 Datasheet HTML 6Page - ON Semiconductor CAT809 Datasheet HTML 7Page - ON Semiconductor CAT809 Datasheet HTML 8Page - ON Semiconductor CAT809 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image

© 200 SCILLC. All rights reserved.
Characteristics subject to change without notice
Doc. No. MD-3004, Rev. AA
CAT803, CAT809, CAT810
3-Pin Microprocessor Power Supply Supervisors
FeATureS
Precision monitoring of
+5.0V (-5%, -10%, -20%),
+3.3V (-5%, -10%),
+3.0V (-10%) and
+2.5V (-5%) power supplies
Offered in three output configurations:
- CAT803: Open-Drain Active LOW reset
- CAT809: Push-Pull Active LOW reset
- CAT810: Push-Pull Active HIGH reset
Direct replacements for the MAX803, MAX809
and MAX810 in applications operating over the
industrial temperature range
reset valid down to VCC = 1.0V
6µA power supply current
Power supply transient immunity
Industrial temperature range: -40ºC to +85ºC
Available in RoHS-compliant SOT-23 and SC-70
packages
APPLICATIOnS
Computers
Servers
Laptops
Cable modems
Wireless communications
embedded control systems
White goods
Power meters
Intelligent instruments
PDAs and handheld equipment
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
DESCRIPTIOn
The CAT803, CAT809, and CAT80 are supervisory
circuitsthatmonitorpowersuppliesindigitalsystems.The
CAT803, CAT809, and CAT80 are direct replacements
for the MAX803, MAX809 and MAX80 in applications
operating over the industrial temperature range.
These devices generate a reset signal, which is asserted
whilethepowersupplyvoltageisbelowapresetthreshold
level and for at least 40 ms after the power supply level
has risen above that level. The underlying floating gate
technology, AE2(TM) used by Catalyst Semiconductor,
makes it possible to offer any custom reset threshold
value. Seven industry standard threshold levels are
offered to support +5.0V, +3.3V, +3.0V and +2.5V
systems.
The CAT803 has an open-drain RESET output (active
LOW). The CAT803 requires a pull-up resistor on the
reset output.
The CAT809 features a push-pull RESET output (active
LOW) and the CAT80 features a push-pull RESET
output (active HIGH).
Fast transients on the power supply are ignored and
the output is guaranteed to be in the correct state at Vcc
levels as low as .0V.
The CAT803, CAT809, and CAT80 are available in both
the compact 3-pin SOT-23 and SC-70 packages.
PIn COnfIGuRATIOn
(CAT803)
CAT809
(CAT810)
GND
RESET
(RESET)
VCC
3-Lead SOT23
3-Lead SC70
1
2
3
THRESHOLD SuffIX SELECTOR
nominal Threshold
Voltage
Threshold Suffix
Designation
4.63V
L
4.38V
M
4.00V
J
3.08V
T
2.93V
S
2.63V
R
2.32V
Z
for Ordering Information details, see page 11 & 12.


Similar Part No. - CAT809

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT809 CATALYST-CAT809 Datasheet
62Kb / 13P
3-Pin Microprocessor Power Supply Supervisors
CAT809 CATALYST-CAT809 Datasheet
867Kb / 28P
Catalyst Semiconductor
logo
ON Semiconductor
CAT809 ONSEMI-CAT809 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809 ONSEMI-CAT809 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809 ONSEMI-CAT809 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results

Similar Description - CAT809

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
3-Pin Microprocessor Power Supply Supervisors
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com