Electronic Components Datasheet Search
  English  ▼

X  

CAT809 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT809
Description  3-Pin Microprocessor Power Supply Supervisors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT809 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT809 Datasheet HTML 4Page - ON Semiconductor CAT809 Datasheet HTML 5Page - ON Semiconductor CAT809 Datasheet HTML 6Page - ON Semiconductor CAT809 Datasheet HTML 7Page - ON Semiconductor CAT809 Datasheet HTML 8Page - ON Semiconductor CAT809 Datasheet HTML 9Page - ON Semiconductor CAT809 Datasheet HTML 10Page - ON Semiconductor CAT809 Datasheet HTML 11Page - ON Semiconductor CAT809 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT803, CAT809, CAT810
8
Doc. No. MD-3004, Rev. AA
© 200 SCILLC. All rights reserved.
Characteristics subject to change without notice
CAT803 OPEn-DRAIn reSeT APPLICATIOn
The CAT803 features an open-drain RESET output
and therefore needs a pull-up resistor on the output for
proper operation, as shown on Figure 6. An advantage
of the open-drain output includes the ability to “wire
AND” several outputs together to form an inexpensive
logic circuit. It is also possible to have the pull-up resistor
connected to a different supply which can be higher than
the CAT803 VCC pin. The value of the pull-up resistor
is not critical in most applications, typical values being
between 5kΩ and 10kΩ.
CAT803
GND
VCC
Power
Supply
RESET
RESET
INPUT
GND
µP
VCC
5k
figure 6. Typical CAT803 Open-Drain Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com