Electronic Components Datasheet Search
  English  ▼

X  

STA015T Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA015T Datasheet HTML 4Page - STMicroelectronics STA015T Datasheet HTML 5Page - STMicroelectronics STA015T Datasheet HTML 6Page - STMicroelectronics STA015T Datasheet HTML 7Page - STMicroelectronics STA015T Datasheet HTML 8Page - STMicroelectronics STA015T Datasheet HTML 9Page - STMicroelectronics STA015T Datasheet HTML 10Page - STMicroelectronics STA015T Datasheet HTML 11Page - STMicroelectronics STA015T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
8/56
CMOS compatibility
The XTI pad low and high levels are CMOS compatible; XTI pad noise margin is better than typical CMOS
pads.
TTL compatibility
The XTI pad low level is compatible with TTL while the high level is not compatible (for example if VDD =
3V TTL min high level = 2.0V while XTI min high level = 2.2V)
2.2 PLL & Clock Generator System
When STA015 receives the input clock, as described in Section 2.1, and a valid layer III input bit stream,
the internal PLL locks, providing to the DSP Core the master clock (DCLK), and to the Audio Output Inter-
face the nominal frequencies of the incoming compressed bit stream. The STA015 PLL block diagram is
described in Figure 5.
The audio sample rates are obtained dividing the oversampling clock (OCLK) by software programmable
factors. The operation is done by STA015 embedded software and it is transparent to the user.
The STA015 PLL can drive directly most of the ommercial DACs families, providing an over sampling
clock, OCLK, obtained dividing the VCO frequency with a software programmable dividers.
Figure 5. PLL and Clocks Generation System
2.3 STA015 Operational Modes
The device can be configured in 4 different operational modes. To select one specific mode a dedicated
CHIP_MODE registers is available. For proper operation the following steps must be issued to switch be-
tween different modes:
– issue a software reset (SOFT_RESET register)
– select the desired mode (CHIP_MODE register)
– run the device (RUN register)
Hereby is a short description of each available mode
ADPCM Encoder
This mode can be used to encode the incoming bitstream with 4 different compression algorithms.
Moreover different sample frequencies and word size are supported. For a detailed escription of this
features refer to the related registers.
ADPCM Decoder
This mode can be used when an ADPCM compressed bitstream must be decoded. The input interface
handling and control flow is the same as in the MP3 Mode.
BYPASS mode
Using this mode it’s possible to use the embedded post-processing controls (volume and tone controls)
to process an incoming uncompressed stereo audio stream. In this configuration ADC input is the only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com