Electronic Components Datasheet Search
  English  ▼

X  

STA015T Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 5 Page - STMicroelectronics

  STA015T Datasheet HTML 1Page - STMicroelectronics STA015T Datasheet HTML 2Page - STMicroelectronics STA015T Datasheet HTML 3Page - STMicroelectronics STA015T Datasheet HTML 4Page - STMicroelectronics STA015T Datasheet HTML 5Page - STMicroelectronics STA015T Datasheet HTML 6Page - STMicroelectronics STA015T Datasheet HTML 7Page - STMicroelectronics STA015T Datasheet HTML 8Page - STMicroelectronics STA015T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
5/56
STA015
PIN DESCRIPTION
Note:
In functional mode TESTEN must be connected to VDD,
SO28
TQFP44
LFBGA64
Pin Name
Type
Function
PAD Description
1
29
B5
VDD_1
Supply Voltage
2
30
B4
VSS_1
Ground
331
A4
SDA
I/O
i2C Serial Data +
Acknowledge
CMOS Input Pad Buffer
CMOS 4mA Output Drive
432
B3
SCL
I
I2C Serial Clock
CMOS Input Pad Buffer
5
34
A1
SDI
I
Receiver Serial Data
CMOS Input Pad Buffer
6
36
B2
SCKR
I
Receiver Serial Clock
CMOS Input Pad Buffer
7
38
D4
BIT_EN
I
Bit Enable
CMOS Input Pad Buffer
with pull up
8
40
D1
SRC_INT/
SCK_ADC
I
Interrupt Line/ADC Serial
Clock
CMOS Input Pad Buffer
9
42
E2
SDO
O
Transmitter Serial Data (PCM
Data)
CMOS 4mA Output Drive
10
44
F2
SCKT
O
Transmitter Serial Clock
CMOS 4mA Output Drive
11
2
H1
LRCKT
O
Transmitter Left/Right Clock
CMOS 4mA Output Drive
12
3
H3
OCLK
I/O
Oversampling Clock for DAC CMOS Input Pad Buffer
CMOS 4mA Output Drive
13
5
F3
VSS_2
Ground
14
6
E4
VDD_2
Supply Voltage
15
7
G4
VSS_3
Ground
16
8
G5
VDD_3
Supply Voltage
17
10
F5
PVDD
PLL Power
18
11
G6
PVSS
PLL Ground
19
12
G7
FILT
O
PLL Filter Ext. Capacitor
Conn.
20
13
G8
XTO
O
Crystal Output
CMOS 4mA Output Drive
21
15
F7
XTI
I
Crystal Input (Clock Input)
Specific Level Input Pad
(see paragraph 2.1)
22
19
E7
VSS_4
Ground
23
21
C8
VDD_4
Supply Voltage
24
22
D7
TESTEN
I
Test Enable
CMOS Input Pad Buffer
with pull up
25
24
A7
SDI_ADC
I
ADC Data Input
CMOS Input Pad Buffer
26
25
B6
RESET
I
System Reset
CMOS Input Pad Buffer
with pull up
27
26
A5
LRCK_ADC
I
ADC left/Right Clock
CMOS Output Pad Buffer
28
27
C5
IN_CLK/
DATA_REQ
O
Buffered Output Clock/
Data Request Signal
CMOS 4mA Output Drive
20
C7
IODATA[0]
I/O
GPIO Data Line
CMOS 4mA Schmitt
Trigger
Bidir Pad Buffer
18
E6
IODATA[1]
I/O
GPIO Data Line
16
F6
IODATA[2]
I/O
GPIO Data Line
14
F8
IODATA[3]
I/O
GPIO Data Line
37
C3
IODATA[4]
I/O
GPIO Data Line
39
E3
IODATA[5]
I/O
GPIO Data Line
41
D2
IODATA[6]
I/O
GPIO Data Line
43
F1
IODATA[7]
I/O
GPIO Data Line
35
C2
GPIO_STROBE
I/O
GPIO Strobe Signal
4
G3
GPSO_REQ
O
GPSO Request Signal
CMOS Output Pad Buffer
28
C6
GPSO_SCKR
I
GPSO Serial Clock
CMOS Input Pad Buffer
33
A2
GPSO_DATA
O
GPSO Serial Data
CMOS Output Pad Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com