Electronic Components Datasheet Search
  English  ▼

X  

STA015T Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 4 Page - STMicroelectronics

  STA015T Datasheet HTML 1Page - STMicroelectronics STA015T Datasheet HTML 2Page - STMicroelectronics STA015T Datasheet HTML 3Page - STMicroelectronics STA015T Datasheet HTML 4Page - STMicroelectronics STA015T Datasheet HTML 5Page - STMicroelectronics STA015T Datasheet HTML 6Page - STMicroelectronics STA015T Datasheet HTML 7Page - STMicroelectronics STA015T Datasheet HTML 8Page - STMicroelectronics STA015T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
4/56
1.0 OVERVIEW
1.1 MP3 decoder engine
The MP3 decoder engine is able to decode any Layer III compliant bitstream: MPEG1, MPEG2 and
MPEG2.5 streams are supported. Besides audio data decoding the MP3 engine also performs ANCIL-
LARY data extraction: these data can be retrieved via I2C bus by the application microcontroller in order
to implement specific functions.
Decoded audio data goes through a software volume control and a two-band equalizer blocks before feed-
ing the output I2S interface. This results in no need for an external audio processor.
MP3 bitstream is sent to the decoder using a simple serial input interface (see pins SDI, SCKR, BIT_EN
and DATA_REQ), supporting input rate up to 20 Mbit/s. Received data are stored in a 256 bytes long input
buffer which provides a feedback line (see DATA_REQ pin) to the bitstream source (tipically an MCU).
1.2 ADPCM encoder/decoder engine
This device also embeds a multistandard ADPCM encoder/decoder supporting different sample rates
(from 8 KHz up to 32 KHz) and different sample sizes (from 8 bit to 32 bits).
During encoding process two different interfaces can be used to feed data: the serial input interface (same
interface used also to feed MP3 bitstream) or the ADC input interface, which provides a seamless con-
nection with an external A/D converter. The currently used interface is selected via I2C bus.
Also to retrieve encoded data two different interfaces are available: the I2C bus or the faster GPSO output
interface. GPSO interface is able to output data with a bitrate up to 5 Mbit/s and its control pins
(GPSO_SCKR, GPSO_DATA and GPSO_REQ) can be configured in order to easily fit the target applica-
tion.
1.3 BYPASS functional mode
In order to allow using the device to post-process auxiliary audio sources a special BYPASS mode is avail-
able. When the device is configured in BYPASS mode the embedded DSP will process digital audio data
coming through the ADC input interface and will output the resulting data to the external DAC.
Available processings include volume and a tone ontrols.
THERMAL DATA
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance Junction to Ambient
85
°C/W
Symbol
Parameter
Value
Unit
VDD
Power Supply
-0.3 to 4
V
Vi
Voltage on Input pins
-0.3 to VDD +0.3
V
VO
Voltage on output pins
-0.3 to VDD +0.3
V
Tstg
Storage Temperature
-40 to +150
°C
Toper
Operative ambient temp
-20 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com