Electronic Components Datasheet Search
  English  ▼

X  

CAT4137 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CAT4137
Description  CMOS Boost Converter - White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4137 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CAT4137 Datasheet HTML 8Page - ON Semiconductor CAT4137 Datasheet HTML 9Page - ON Semiconductor CAT4137 Datasheet HTML 10Page - ON Semiconductor CAT4137 Datasheet HTML 11Page - ON Semiconductor CAT4137 Datasheet HTML 12Page - ON Semiconductor CAT4137 Datasheet HTML 13Page - ON Semiconductor CAT4137 Datasheet HTML 14Page - ON Semiconductor CAT4137 Datasheet HTML 15Page - ON Semiconductor CAT4137 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CAT4137
http://onsemi.com
13
Open LED Protection
In the event of an “Open LED” fault condition, the
CAT4137 will continue to boost the output voltage with
maximum power until the output voltage reaches
approximately 24 V. Once the output exceeds this level,
internal circuitry immediately places the device into a very
low power mode where the total input power consumed is
less than 10 mW.
In low power mode, the input supply current will typically
drop to 2 mA. An internal clamping circuit will limit the
subsequent output voltage to approximately 29 V. This
operating mode eliminates the need for any external
protection zener diode. This protection scheme also fully
protects the device against any malfunction in the external
Schottky diode (open-circuit).
Figure 31. Open LED Protection
Figure 32. Open LED Power−up Waveforms
Figure 33. Open LED Supply Current vs. VIN
VIN
CAT4137
L
(Central CMDSH2−3)
D
1 μF
C1
0.22 μF
C2
R1
15 W
FB
SW
GND
ON
22 μH
OFF
INPUT VOLTAGE (V)
5.0
4.5
3.5
3.0
2.5
1.0
1.5
2.0
2.5
4.0
VFB = 300 mV
SHDN
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com