Electronic Components Datasheet Search
  English  ▼

X  

CAT4137 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT4137
Description  CMOS Boost Converter - White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4137 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT4137 Datasheet HTML 1Page - ON Semiconductor CAT4137 Datasheet HTML 2Page - ON Semiconductor CAT4137 Datasheet HTML 3Page - ON Semiconductor CAT4137 Datasheet HTML 4Page - ON Semiconductor CAT4137 Datasheet HTML 5Page - ON Semiconductor CAT4137 Datasheet HTML 6Page - ON Semiconductor CAT4137 Datasheet HTML 7Page - ON Semiconductor CAT4137 Datasheet HTML 8Page - ON Semiconductor CAT4137 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CAT4137
http://onsemi.com
3
Table 3. ELECTRICAL OPERATING CHARACTERISTICS
(VIN = 3.6 V, ambient temperature of 25°C (over recommended operating conditions unless otherwise specified))
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IQ
Operating Current
VFB = 0.3 V
VFB = 0.4 V (not switching)
0.4
0.1
1.5
0.3
mA
ISD
Shutdown Current
VSHDN = 0 V
0.1
1
mA
VFB
FB Pin Voltage
3 LEDs with ILED = 20 mA
285
300
315
mV
IFB
FB pin input leakage
0.1
1
mA
ILED
Programmed LED Current
R1 = 10 W
R1 = 15 W
R1 = 20 W
28.5
19
14.25
30
20
15
31.5
21
15.75
mA
VIH
VIL
SHDN Logic High
SHDN Logic Low
Enable Threshold Level
Shutdown Threshold Level
0.4
0.8
0.7
1.5
V
FSW
Switching Frequency
0.7
1.0
1.3
MHz
ILIM
Switch Current Limit
250
300
400
mA
RSW
Switch “On” Resistance
ISW = 100 mA
1.0
2.0
W
ILEAK
Switch Leakage Current
Switch Off, VSW = 5 V
1
5
mA
TSD
Thermal Shutdown
150
°C
THYS
Thermal Hysteresis
20
°C
h
Efficiency
Typical Application Circuit
86
%
VUVLO
Undervoltage Lockout (UVLO) Threshold
1.9
V
VOV-SW
Output Clamp Voltage
“Open LED” fault
29
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com