Electronic Components Datasheet Search
  English  ▼

X  

CAT4137 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT4137
Description  CMOS Boost Converter - White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4137 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT4137 Datasheet HTML 1Page - ON Semiconductor CAT4137 Datasheet HTML 2Page - ON Semiconductor CAT4137 Datasheet HTML 3Page - ON Semiconductor CAT4137 Datasheet HTML 4Page - ON Semiconductor CAT4137 Datasheet HTML 5Page - ON Semiconductor CAT4137 Datasheet HTML 6Page - ON Semiconductor CAT4137 Datasheet HTML 7Page - ON Semiconductor CAT4137 Datasheet HTML 8Page - ON Semiconductor CAT4137 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT4137
http://onsemi.com
2
Figure 1. Typical Application Circuit
VIN
CAT4137
LD
R1
15 W
1 mF
C1
0.22 mF
C2
FB
SW
GND
ON
22 mH
OFF
2.2 to
5.5 V
L: Murata LQH32CN220
D: Central CMDSH2-3 (rated 30 V)
VIN
VFB = 300 mV
SHDN
VOUT
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, FB voltage
−0.3 to +7
V
SHDN voltage
−0.3 to +7
V
SW voltage
−0.3 to +40
V
Storage Temperature Range
−65 to +160
_C
Junction Temperature Range
−40 to +150
_C
Lead Temperature
300
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VIN
2.2 to 5.5
V
SW pin voltage
0 to 24
V
Ambient Temperature Range
−40 to +85
_C
LED Bias Current
1 to 30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com