Electronic Components Datasheet Search
  English  ▼

X  

CAT9554 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT9554
Description  8-bit I짼C and SMBus I/O Port with Interrupt
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9554 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT9554 Datasheet HTML 1Page - ON Semiconductor CAT9554 Datasheet HTML 2Page - ON Semiconductor CAT9554 Datasheet HTML 3Page - ON Semiconductor CAT9554 Datasheet HTML 4Page - ON Semiconductor CAT9554 Datasheet HTML 5Page - ON Semiconductor CAT9554 Datasheet HTML 6Page - ON Semiconductor CAT9554 Datasheet HTML 7Page - ON Semiconductor CAT9554 Datasheet HTML 8Page - ON Semiconductor CAT9554 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CAT9554, CAT9554A
© 2008 SCILLC. All rights reserved
5
Doc. No. MD-9002, Rev. F
Characteristics subject to change without notice
A.C. TEST CONDITIONS
Input Rise and Fall time
≤ 10ns
CMOS Input Voltages
0.2VCC to 0.8VCC
CMOS Input Reference Voltages
0.3VCC to 0.7VCC
TTL Input Voltages
0.4V to 2.4V
TTL Input Reference Voltages
0.8V, 2.0V
Output Reference Voltages
0.5VCC
Output Load: SDA, INT
¯¯¯
Current Souce IOL = 3mA; CL = 100pF
Output Load: I/Os
Current Source: IOL/IOH = 10mA; CL = 50pF
Figure 1. I²C Serial Interface Timing
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com