Electronic Components Datasheet Search
  English  ▼

X  

CAT9554 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT9554
Description  8-bit I짼C and SMBus I/O Port with Interrupt
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9554 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT9554 Datasheet HTML 5Page - ON Semiconductor CAT9554 Datasheet HTML 6Page - ON Semiconductor CAT9554 Datasheet HTML 7Page - ON Semiconductor CAT9554 Datasheet HTML 8Page - ON Semiconductor CAT9554 Datasheet HTML 9Page - ON Semiconductor CAT9554 Datasheet HTML 10Page - ON Semiconductor CAT9554 Datasheet HTML 11Page - ON Semiconductor CAT9554 Datasheet HTML 12Page - ON Semiconductor CAT9554 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CAT9554, CAT9554A
© 2008 SCILLC. All rights reserved
9
Doc. No. MD-9002, Rev. F
Characteristics subject to change without notice
ACKNOWLEDGE
After a successful data transfer, each receiving device
is
required
to
generate
an
acknowledge.
The
acknowledging device pulls down the SDA line during
the ninth clock cycle, signaling that it received the 8
bits of data. The SDA line remains stable LOW during
the HIGH period of the acknowledge related clock
pulse (Figure 5).
The CAT9554/9554A respond with an acknowledge
after receiving a START condition and its slave
address. If the device has been selected along with a
write operation, it responds with an acknowledge after
receiving each 8-bit byte.
When the CAT9554/9554A begins a READ mode it
transmits 8 bits of data, releases the SDA line, and
monitors the line for an acknowledge. Once it receives
this acknowledge, the CAT9554/9554A will continue
to transmit data. If no acknowledge is sent by the
Master, the device terminates data transmission and
waits for a STOP condition. The master must then
issue a STOP condition to return the CAT9554/9554A
to the standby power mode and place the device in a
known state.
REGISTERS AND BUS TRANSACTIONS
The CAT9554/9554A consist of an input port register,
an output port register, a polarity inversion register
and a configuration register. Table 1 shows the
register address table. Tables 2 to 5 list Register 0
through Register 3 information.
Table 1. Register Command Byte
Command
(hex)
Protocol
Function
0x00
Read byte
Input port register
0x01
Read/write byte
Output port register
0x02
Read/write byte
Polarity inversion register
0x03
Read/write byte
Configuration register
The command byte is the first byte to follow the device
address byte during a write/read bus transaction. The
register command byte acts as a pointer to determine
which register will be written or read.
The input port register is a read only port. It reflects
the incoming logic levels of the I/O pins, regardless of
whether the pin is defined as an input or an output by
the configuration register. Writes to the input port
register are ignored.
Table 2. Register 0 – Input Port Register
bit
I7
I6
I5
I4
I3
I2
I1
I0
default
1
1
1
1
1
1
1
1
Table 3. Register 1 – Output Port Register
bit
O7
O6
O5
O4
O3
O2
O1
O0
default
1
1
1
1
1
1
1
1
Table 4. Register 2 – Polarity Inversion Register
bit
N7
N6
N5
N4
N3
N2
N1
N0
default
0
0
0
0
0
0
0
0
Table 5. Register 3 – Configuration Register
bit
C7
C6
C5
C4
C3
C2
C1
C0
default
1
1
1
1
1
1
1
1
Figure 8. Acknowledge Timing
18
9
START
SCL FROM
MASTER
BUS RELEASE DELAY (TRANSMITTER)
ACK DELAY
ACK SETUP
BUS RELEASE DELAY (RECEIVER)
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com