Electronic Components Datasheet Search
  English  ▼

X  

56F8346 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # 56F8346
Description  16-bit Digital Signal Controllers
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8346 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button 56F8346 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 178 page
background image
56F8346 Technical Data, Rev. 15
84
Freescale Semiconductor
Preliminary
5.6.1
Interrupt Priority Register 0 (IPR0)
Figure 5-3 Interrupt Priority Register 0 (IPR0)
5.6.1.1
Reserved—Bits 15–14
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
5.6.1.2
EOnCE Breakpoint Unit 0 Interrupt Priority Level (BKPT_U0 IPL)—
Bits13–12
This field is used to set the interrupt priority levels for IRQs. This IRQ is limited to priorities 1 through 3.
It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 1
•
10 = IRQ is priority level 2
•
11 = IRQ is priority level 3
5.6.1.3
EOnCE Step Counter Interrupt Priority Level (STPCNT IPL)—
Bits 11–10
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 1 through 3.
$11
IRQP0
R
PENDING [16:2]
1
W
$12
IRQP1
R
PENDING [32:17]
W
$13
IRQP2
R
PENDING [48:33]
W
$14
IRQP3
R
PENDING [64:49]
W
$15
IRQP4
R
PENDING [80:65]
W
$16
IRQP5
R
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
PEND-
ING
[81]
W
Reserved
$1D
ICTL
R
INT
IPIC
VAB
INT_DIS
1
IRQB
STATE
IRQA
STATE
IRQB
EDG
IRQA
EDG
W
= Reserved
Base + $0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
BKPT_U0 IPL
STPCNT IPL
0
0
0
0
0
0
0
0
0
0
Write
RESET
0
0
0
0
0
0
0
0
0
0
000
000
Add.
Offset
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Figure 5-2 ITCN Register Map Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com