Electronic Components Datasheet Search
  English  ▼

X  

56F8346 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 56F8346
Description  16-bit Digital Signal Controllers
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8346 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 56F8346 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 178 page
background image
Architecture Block Diagram
56F8346 Technical Data, Rev. 15
Freescale Semiconductor
13
Preliminary
Figure 1-1 System Bus Interfaces
Note:
Flash memories are encapsulated within the Flash Interface Unit (FIU). Flash control is accomplished
by the I/O to the FIU over the peripheral bus, while reads and writes are completed between the core
and the Flash memories.
Note:
The primary data RAM port is 32 bits wide. Other data ports are 16 bits.
56800E
Program
Flash
Program
RAM
Data
RAM
EMI
Data
Flash
IPBus
Bridge
Boot
Flash
Flash
Interface
Units
NOT available on the 56F8146 device.
JTAG / EOnCE
5
pdb_m[15:0]
pab[20:0]
cdbw[13:0]
cdbr_m[31:0]
xab1[23:0]
xab2[23:0]
xdb2_m[15:0]
CHIP
TAP
Controller
TAP
Linking
Module
External
JTAG
Port
6
17
16
To Flash
Control Logic
IPBus
Address
Data
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com