Electronic Components Datasheet Search
  English  ▼

X  

LMV821 Datasheet(PDF) 5 Page - ON Semiconductor

Part # LMV821
Description  Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV821 Datasheet(HTML) 5 Page - ON Semiconductor

  LMV821 Datasheet HTML 1Page - ON Semiconductor LMV821 Datasheet HTML 2Page - ON Semiconductor LMV821 Datasheet HTML 3Page - ON Semiconductor LMV821 Datasheet HTML 4Page - ON Semiconductor LMV821 Datasheet HTML 5Page - ON Semiconductor LMV821 Datasheet HTML 6Page - ON Semiconductor LMV821 Datasheet HTML 7Page - ON Semiconductor LMV821 Datasheet HTML 8Page - ON Semiconductor LMV821 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LMV821, LMV822, LMV824
http://onsemi.com
5
2.5V DC ELECTRICAL CHARACTERISTICS Unless otherwise noted, all min/max limits are guaranteed for TA = 25°C, V+ = 2.5 V,
V− = 0 V, VCM = V+/2, VO = V+/2 and RL > 1 MW. Typical specifications represent the most likely parametric norm. Min/Max
specifications are guaranteed by testing, characterization, or statistical analysis.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
TA = −40°C to +85°C
1
3.5
mV
4
Output Swing
VOH
RL = 600 W to 1.25 V
2.3
2.37
V
TA = −40°C to +85°C
2.2
VOL
RL = 600 W to 1.25 V
0.13
0.20
TA = −40°C to +85°C
0.3
VOH
RL = 2 kW to 1.25 V
2.4
2.46
TA = −40°C to +85°C
2.3
VOL
RL = 2 kW to 1.25 V
0.08
0.12
TA = −40°C to +85°C
0.20
2.7V AC ELECTRICAL CHARACTERISTICS Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 2.7 V, V− =
0 V, VCM = 1.0 V, VO = V+/2 and RL > 1 MW. Typical specifications represent the most likely parametric norm. Min/Max specifications are
guaranteed by testing, characterization, or statistical analysis.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Slew Rate
SR
(Note 2)
1.5
V/uS
Gain Bandwidth Product
GBWP
5
MHz
Phase Margin
qm
55
°
Gain Margin
Gm
12.9
dB
Input−Referred Voltage Noise
en
f = 1 kHz, VCM = 1 V
12
nV/√Hz
Input−Referred Current Noise
in
f = 1kHz
0.2
pA/√Hz
Total Harmonic Distortion
THD
f = 1 kHz, AV = −2, RL = 10 kW , VO = 1.8 VPP
0.023
%
Amplifier−to−Amplifier Isolation
(Note 3)
135
dB
2. Connected as voltage follower with input step from 0.5 V to 1.5 V. Number specified is the average of the positive and negative slew rates.
3. Input referred, RL = 100 kW connected to V+/2. Each amp excited in turn with 1kHz to produce VO = 3 VPP. For Supply Voltages < 3 V,
VO = V+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com