Electronic Components Datasheet Search
  English  ▼

X  

LMV821 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LMV821
Description  Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV821 Datasheet(HTML) 1 Page - ON Semiconductor

  LMV821 Datasheet HTML 1Page - ON Semiconductor LMV821 Datasheet HTML 2Page - ON Semiconductor LMV821 Datasheet HTML 3Page - ON Semiconductor LMV821 Datasheet HTML 4Page - ON Semiconductor LMV821 Datasheet HTML 5Page - ON Semiconductor LMV821 Datasheet HTML 6Page - ON Semiconductor LMV821 Datasheet HTML 7Page - ON Semiconductor LMV821 Datasheet HTML 8Page - ON Semiconductor LMV821 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 1
1
Publication Order Number:
LMV821/D
LMV821, LMV822, LMV824
Single, Dual, Quad Low
Voltage, Rail-to-Rail
Operational Amplifiers
The LMV821, LMV822, and LMV824 are operational amplifiers
with low input voltage offset and drift vs. temperature. In spite of low
quiescent current requirements these devices have 5 MHz bandwidth
and 1.4 V/
ms slew rate. In addition they provide rail−to−rail output
swing into 600
W loads. The input common−mode voltage range
includes ground, and the maximum input offset voltage is only
3.5 mV. Substantially large capacitive loads can be driven by simply
adding a pullup resistor or isolation resistor.
The LMV821 (single) is available in a space−saving SC70−5 while
the dual and quad also come in ultra small SOIC and TSSOP packages.
Features
• Low Offset Voltage: 3.5 mV
• Very low Offset Drift: 1.0 mV/°C
• High Bandwidth: 5 MHz
• Rail−to−Rail Output Swing into a 600 W load
• Capable of driving highly capacitive loads
• These Devices are Pb−Free and are RoHS Compliant
Typical Applications
• Notebook Computers
• PDAs
• Modem Transmitter/ Receivers
Figure 1. Gain vs. Frequency
Figure 2. CMRR vs. Input Common Mode
Voltage
30
40
50
60
70
80
−1
012
345
INPUT COMMON MODE VOLTAGE (V)
VS = 5 V
−20
−10
0
10
20
30
40
50
60
70
80
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = 5 V, RL = 100 kW
http://onsemi.com
SC−70
CASE 419A
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING AND MARKING INFORMATION
Micro8]
CASE 846A
SOIC−14
CASE 751A
TSSOP−14
CASE 948G
1
1
1
SOIC−8
CASE 751
1
8
1


Similar Part No. - LMV821

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV821 NSC-LMV821 Datasheet
1Mb / 24P
Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
Texas Instruments
LMV821 TI-LMV821 Datasheet
658Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821 TI-LMV821 Datasheet
764Kb / 35P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821 TI1-LMV821 Datasheet
1Mb / 26P
Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
STMicroelectronics
LMV821 STMICROELECTRONICS-LMV821 Datasheet
663Kb / 32P
Tiny packages
10-Apr-2017
More results

Similar Description - LMV821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV.B
OP295 AD-OP295_06 Datasheet
399Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
logo
Texas Instruments
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV324MTX-NOPB TI1-LMV324MTX-NOPB Datasheet
2Mb / 44P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
OP295 AD-OP295_15 Datasheet
376Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. G
OP495 AD-OP495_15 Datasheet
376Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. G
logo
ON Semiconductor
LMV321 ONSEMI-LMV321_15 Datasheet
189Kb / 20P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
February, 2015 ??Rev. 12
LMV821 ONSEMI-LMV821_15 Datasheet
462Kb / 13P
Single and Quad Low Voltage, Rail-to-Rail Operational Amplifiers
May, 2015 ??Rev. 3
LMV321 ONSEMI-LMV321_V01 Datasheet
608Kb / 22P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com