Electronic Components Datasheet Search
  English  ▼

X  

LMV821 Datasheet(PDF) 6 Page - ON Semiconductor

Part # LMV821
Description  Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV821 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LMV821 Datasheet HTML 2Page - ON Semiconductor LMV821 Datasheet HTML 3Page - ON Semiconductor LMV821 Datasheet HTML 4Page - ON Semiconductor LMV821 Datasheet HTML 5Page - ON Semiconductor LMV821 Datasheet HTML 6Page - ON Semiconductor LMV821 Datasheet HTML 7Page - ON Semiconductor LMV821 Datasheet HTML 8Page - ON Semiconductor LMV821 Datasheet HTML 9Page - ON Semiconductor LMV821 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LMV821, LMV822, LMV824
http://onsemi.com
6
5V DC ELECTRICAL CHARACTERISTICS Unless otherwise noted, all min/max limits are guaranteed for TA = 25°C, V+ = 5 V,V−
= 0 V, VCM = V+/2, VO = V+/2 and RL > 1 MW. Typical specifications represent the most likely parametric norm. Min/Max specifications
are guaranteed by testing, characterization, or statistical analysis.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
1
3.5
mV
TA = −40°C to +85°C
4
Input Offset Voltage Average
Drift
TCVOS
1
mV/°C
Input Bias Current
IB
119
245
nA
TA = −40°C to +85°C
380
Input Offset Current
IIO
0.5
30
nA
TA = −40°C to +85°C
50
Common−Mode Rejection
Ratio
CMRR
0 V v VCM v 4.0 V
72
90
dB
TA = −40°C to +85°C
70
Power Supply Rejection Ratio
PSRR
1.7 V v V+ v 4 V, V − = 1 V, VO = 0 V,
VCM = 0.0 V
75
85
dB
TA = −40°C to +85°C
70
Input Common−Mode Voltage
Range
VCM
For CMRR w 58 dB
and TA = − 40°C to +85°C
−0.2
−0.2 to
4.3
4.2
V
Large Signal Voltage Gain
AV
RL = 600 W, VO = 1.0 V to 4.0 V
87
100
dB
TA = −40°C to +85°C
73
RL = 2 kW, VO = 1.0 V to 4.0 V
84
99
TA = −40°C to +85°C
82
Output Swing
VOH
RL = 600 W to 2.5 V
4.75
4.84
V
TA = −40°C to +85°C
4.7
VOL
RL = 600 W to 2.5 V
0.17
0.33
TA = −40°C to +85°C
0.4
VOH
RL = 2 kW to 2.5 V
4.85
4.9
TA = −40°C to +85°C
4.8
VOL
RL = 2 kW to 2.5 V
0.1
0.15
TA = −40°C to +85°C
0.2
Output Current
IO
Sourcing, Vo = 0 V
20
45
mA
TA = −40°C to +85°C
10
Sinking, Vo = 5 V
20
40
TA = −40°C to +85°C
15
Supply Current
ICC
0.3
0.4
mA
TA = −40°C to +85°C
0.6
LMV822 (Both Applications)
0.5
0.7
TA = −40°C to +85°C
0.9
LMV824 (All Four Applications)
1
1.3
TA = −40°C to +85°C
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com