Electronic Components Datasheet Search
  English  ▼

X  

MJF47 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJF47
Description  High Voltage Power Transistor Isolated Package Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF47 Datasheet(HTML) 2 Page - ON Semiconductor

  MJF47 Datasheet HTML 1Page - ON Semiconductor MJF47 Datasheet HTML 2Page - ON Semiconductor MJF47 Datasheet HTML 3Page - ON Semiconductor MJF47 Datasheet HTML 4Page - ON Semiconductor MJF47 Datasheet HTML 5Page - ON Semiconductor MJF47 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJF47
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 3)
(IC = 30 mAdc, IB = 0)
VCEO(sus)
250
−
Vdc
Collector Cutoff Current
(VCE = 150 Vdc, IB = 0)
ICEO
−
0.2
mAdc
Collector Cutoff Current
(VCE = 350 Vdc, VBE = 0)
ICES
−
0.1
mAdc
Emitter Cutoff Current
(VBE = 5 Vdc, IC = 0)
IEBO
−
1
mAdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(IC = 0.3 Adc, VCE = 10 Vdc)
(IC = 1 Adc, VCE = 10 Vdc)
hFE
30
10
150
−
−
Collector−Emitter Saturation Voltage
(IC = 1 Adc, IB = 0.2 Adc)
VCE(sat)
−
1
Vdc
Base−Emitter On Voltage
(IC = 1 Adc, VCE = 10 Vdc)
VBE(on)
−
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product
(IC = 0.2 Adc, VCE 10 Vdc, f = 2 MHz)
fT
10
−
MHz
3. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%.
TYPICAL CHARACTERISTICS
0.02
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
2
0.1
2
60
Figure 2. “On” Voltages
200
TJ = 150°C
1
25°C
VCE = 10 V
IC, COLLECTOR CURRENT (AMPS)
0
0.6
1.4
100
10
40
20
4
6
0.04 0.06
0.2
0.4
0.6
−55 °C
1.2
1
0.8
0.2
0.4
0.02
0.1
2
1
0.04 0.06
0.2
0.4 0.6
TJ = 25°C
VBE(sat) @ IC/IB = 5
VBE(on) @ VCE = 4 V
VCE(sat) @ IC/IB = 5 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com