Electronic Components Datasheet Search
  English  ▼

X  

MJF47 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJF47
Description  High Voltage Power Transistor Isolated Package Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF47 Datasheet(HTML) 3 Page - ON Semiconductor

  MJF47 Datasheet HTML 1Page - ON Semiconductor MJF47 Datasheet HTML 2Page - ON Semiconductor MJF47 Datasheet HTML 3Page - ON Semiconductor MJF47 Datasheet HTML 4Page - ON Semiconductor MJF47 Datasheet HTML 5Page - ON Semiconductor MJF47 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJF47
http://onsemi.com
3
0.02
0.05
0.1
2
0.2
5
1
2
1
0.5
0.1
0.05
0.2
0.5
0.02
Figure 3. Turn−On Time
IC, COLLECTOR CURRENT (AMPS)
0.01
0.1
2
0.05
Figure 4. Turn−Off Time
1
1
TJ = 25°C
VCC = 200 V
IC/IB = 5
IC, COLLECTOR CURRENT (AMPS)
tr
0.5
0.2
0.1
0.02
0.05
0.2
0.5
td
TJ = 25°C
VCC = 200 V
IC/IB = 5
ts
tf
TURN−ON PULSE
APPROX
+11 V
Vin 0
VEB(off)
t1
APPROX
+11 V
Vin
t2
TURN−OFF PULSE
t3
t1 ≤ 7 ns
100 < t2 < 500 ms
t3 < 15 ns
DUTY CYCLE ≈ 2%
APPROX −9 V
RB and RC VARIED TO OBTAIN
DESIRED CURRENT LEVELS.
SCOPE
RC
RB
51
VCC
Vin
Cjd << Ceb
−4 V
Figure 5. Switching Time Equivalent Circuit
t, TIME (msec)
1
0.01
0.2
0.2
0.1
0.05
0.02
0.5
10
20
50
100
200
500
1K
2K
5K
SINGLE PULSE
RqJC(t) = r(t) RqJC
RqJC = 4.4°C/W MAX
TJ(pk) − TC = P(pk) RqJC(t)
15
2
10 K
0.5
0.3
0.03
0.1
Figure 6. Thermal Response
0.3
3
30
300
3K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com