Electronic Components Datasheet Search
  English  ▼

X  

MJF47 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJF47
Description  High Voltage Power Transistor Isolated Package Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF47 Datasheet(HTML) 4 Page - ON Semiconductor

  MJF47 Datasheet HTML 1Page - ON Semiconductor MJF47 Datasheet HTML 2Page - ON Semiconductor MJF47 Datasheet HTML 3Page - ON Semiconductor MJF47 Datasheet HTML 4Page - ON Semiconductor MJF47 Datasheet HTML 5Page - ON Semiconductor MJF47 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJF47
http://onsemi.com
4
100 ms
1ms
dc
3
10
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
300
100
Figure 7. Maximum Forward Bias Safe
Operating Area
2
1
0.5
0.3
0.2
0.1
0.05
0.03
20
30
50
200
500 ms
CURRENT LIMIT
THERMAL LIMIT @ TC = 25°C
SECONDARY BREAKDOWN LIMIT
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 7 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150°C. TJ(pk) may be calculated from the data in
Figure 6. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
0
TC, CASE TEMPERATURE (°C)
0
50
200
20
40
30
10
100
150
Figure 8. Power Derating
0
TA, AMBIENT TEMPERATURE (°C)
0
50
200
1
2
1.5
0.5
100
150
Figure 9. Power Derating



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com