Electronic Components Datasheet Search
  English  ▼

X  

AM3715 Datasheet(PDF) 189 Page - Texas Instruments

Click here to check the latest version.
Part # AM3715
Description  AM3715/03 Applications Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3715 Datasheet(HTML) 189 Page - Texas Instruments

Back Button AM3715 Datasheet HTML 185Page - Texas Instruments AM3715 Datasheet HTML 186Page - Texas Instruments AM3715 Datasheet HTML 187Page - Texas Instruments AM3715 Datasheet HTML 188Page - Texas Instruments AM3715 Datasheet HTML 189Page - Texas Instruments AM3715 Datasheet HTML 190Page - Texas Instruments AM3715 Datasheet HTML 191Page - Texas Instruments AM3715 Datasheet HTML 192Page - Texas Instruments AM3715 Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 280 page
background image
A1
A1
E0
T
E1
T
E2
OMAP
E3
T
T
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Figure 6-22 shows the topology and routing for the DQS and DQ net classes; the routes are point to point.
Skew matching across bytes is not needed nor recommended.
Figure 6-22. DQS and DQ Routing and Topology
Table 6-21. DQS and DQ Routing Specification(1) (6)
PARAMETER
MIN
TYP
MAX
UNIT
NOTES
DQS E Skew Length Mismatch
25
Mils
Center to Center DQS to other LPDDR trace
4w
See Note(2)
spacing
DQS/DQ nominal trace length
DQLM - 50
DQLM
DQLM + 50
Mils
See Note(2)
DQ to DQS Skew Length Mismatch
100
Mils
See Note (4)
DQ to DQ Skew Length Mismatch
100
Mils
See Note (4)
Center to Center DQ to other LPDDR trace
4w
See Note(5)
spacing
Center to Center DQ to other DQ trace
3w
See Note(2),(3)
spacing
DQ E Skew Length Mismatch
100
Mils
(1) Series terminator, if used, should be located closest to LPDDR.
(2) Center to center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(3) DQLM is the longest Manhattan distance of the DQS and DQ net classes.
(4) There is no need, and it is not recommended, to skew match across data bytes. This specification is only relative within a data byte.
(5) DQs from other bytes are considered other LPDDR traces.
(6) Specific routing guidelines for the CUS package can be found in the AM37x CUS Routing Guidelines (SPRABD4) application note.
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
189
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com