Electronic Components Datasheet Search
  English  ▼

X  

AM3715 Datasheet(PDF) 193 Page - Texas Instruments

Click here to check the latest version.
Part # AM3715
Description  AM3715/03 Applications Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3715 Datasheet(HTML) 193 Page - Texas Instruments

Back Button AM3715 Datasheet HTML 189Page - Texas Instruments AM3715 Datasheet HTML 190Page - Texas Instruments AM3715 Datasheet HTML 191Page - Texas Instruments AM3715 Datasheet HTML 192Page - Texas Instruments AM3715 Datasheet HTML 193Page - Texas Instruments AM3715 Datasheet HTML 194Page - Texas Instruments AM3715 Datasheet HTML 195Page - Texas Instruments AM3715 Datasheet HTML 196Page - Texas Instruments AM3715 Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 280 page
background image
cam_pclk
cam_vs
cam_hs
cam_d[N:0]
cam_wen
cam_fld
D(n–1)
D(0)
D(n–1)
D(0)
D(n–1)
EVEN
ODD
ISP1
ISP2
ISP4
ISP5
ISP6
ISP7
ISP9
ISP8
ISP10
ISP11
ISP3
ISP12
ISP13
SWPS038-049
D(0)
D(0)
D(n–1)
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
(1)
The polarity of cam_pclk, cam_fld, cam_vs, and cam_hs are software configurable. Optionally, the cam_wen signal can be used as
an external memory write-enable signal. For further details, see the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
(2)
N = 11 (Data bus size is limited to 8 bits. So the bits configuration is either cam_d[7:0] or cam_d[11:4]). When the number of data
lines is less than cam_d[N:0], data lines can be connected to the upper or lower lines of cam_d[N:0]. Lines not connected must be
tied low. For more information about video port mapping, see the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
Figure 6-24. CPI
—Video and Graphics Digitizer—1.8-V Interlaced Mode
6.5.1.2.2 CPI
—12-Bit SYNC Normal Progressive Mode
Table 6-26 assumes testing over the recommended operating conditions and electrical characteristic
conditions below (see Figure 6-25).
Table 6-25. CPI Timing Conditions
—12-Bit SYNC Normal Progressive Mode(1)
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
2.7
ns
tF
Input signal fall time
2.7
ns
Output Condition
CLOAD
Output load capacitance
8.6
pF
(1) The load setting of the IO buffer: LB0 = 1.
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
193
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com