| Electronic Components Datasheet Search |
|
AM3715 Datasheet(PDF) 228 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3715 Datasheet(HTML) 228 Page - Texas Instruments |
|
228 / 280 page ![]() mcspi_cs(OUT) mcspi_clk(OUT) mcspi_clk(OUT) mcspi_simo(OUT) mcspi_cs(OUT) mcspi_clk(OUT) mcspi_clk(OUT) mcspi_simo(OUT) Bit n–1 Bit n–2 Bit n–3 Bit n–4 Bit 0 Bit n–1 Bit n–2 Bit n–3 Bit 1 Bit 0 PHA=0 EPOL=1 POL=0 POL=1 PHA=1 EPOL=1 POL=0 POL=1 SM5 SM6 SM4 SM1 SM0 SM1 SM0 SM5 SM6 SM1 SM0 SM1 SM0 SM4 SM7 SM4 SM1 SM1 SM1 SM1 SM4 SM4 SM4 SWPS038-072 AM3715, AM3703 SPRS616F – JUNE 2010 – REVISED AUGUST 2011 www.ti.com (1) In mcspi3_csn, n is equal to 0 or 1. The polarity of mcspi3_clk and the active edge (rising or falling) on which mcspi3_simo is driven and mcspi3_somi is latched is all software configurable. – mcspi3_clk phase programmable with the bit PHA of MCSPI_CH(i)CONF register: PHA = 1 (Modes 1 and 3). – mcspi3_clk phase programmable with the bit PHA of MCSPI_CH(i)CONF register: PHA = 0 (Modes 0 and 2). For more information, see the McSPI environment chapter, Data Format Configurations section of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4) for modes and phase correspondence description. (2) This timing applies to all configurations regardless of McSPI3_CLK polarity and which clock edges are used to drive output data and capture input data. (3) P = mcspi3_clk clock period (4) Case P = 20.8 ns, A = (TCS + 0.5)*P(3) (TCS is a bit field of MSPI_CHCONFx[26:25] register). Case P > 20.8 ns, A = TCS*P(3) (TCS is a bit field of MSPI_CHCONFx[26:25] register). For more information, see the McSPI chapter of AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). (5) B = TCS*P(3) (TCS is a bit field of MSPI_CHCONFx[26:25] register). For more information, see the McSPI chapter of AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). (6) See Section 4.3.4, Processor Clocks. (1) The active clock edge selection of mcspi_clk (rising or falling) on which mcspi_simo is driven and mcspi_somi data is latched is software configurable with the bit MCSPI_CH(i)CONF[1] = POL and the bit MCSPI_CH(i)CONF[0] = PHA. (2) The polarity of mcspi_ncs is software configuable with the bit MCSPI_CH(i)CONF[6] = EPOL. Figure 6-46. McSPI —Master Mode—Transmit 228 Timing Requirements and Switching Characteristics Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |