| Electronic Components Datasheet Search |
|
AM3715 Datasheet(PDF) 229 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3715 Datasheet(HTML) 229 Page - Texas Instruments |
|
229 / 280 page ![]() mcspi_cs(OUT) mcspi_clk(OUT) mcspi_clk(OUT) mcspi_somi(IN) mcspi_cs(OUT) mcspi_clk(OUT) mcspi_clk(OUT) mcspi_somi(IN) Bit n–1 Bit n–2 Bit n–3 Bit n-4 Bit 0 Bit n–1 Bit n–2 Bit n–3 Bit 1 Bit 0 PHA=0 EPOL=1 PHA=1 EPOL=1 POL=0 POL=1 POL=0 POL=1 SM5 SM6 SM1 SM0 SM1 SM0 SM5 SM6 SM1 SM0 SM1 SM0 SM1 SM1 SM1 SM1 SM3 SM3 SM3 SM3 SM2 SM2 SM2 SM2 SWPS038-073 AM3715, AM3703 www.ti.com SPRS616F – JUNE 2010 – REVISED AUGUST 2011 (1) The active clock edge selection of mcspi_clk (rising or falling) on which mcspi_simo is driven and mcspi_somi data is latched is software configurable with the bit MCSPI_CH(i)CONF[1] = POL and the bit MCSPI_CH(i)CONF[0] = PHA. (2) The polarity of mcspi_ncs is software configuable with the bit MCSPI_CH(i)CONF[6] = EPOL. Figure 6-47. McSPI —Master Mode—Receive 6.6.3 Multiport Full-Speed Universal Serial Bus (FS-USB) NOTE For more information, see High-Speed USB Host Subsystem and High-Speed USB OTG Controller / High-Speed USB Host Subsystem section of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). The processor provides three USB ports working in full- and low-speed data transactions (up to 12Mbit/s). When connected to either a serial link controller or a serial PHY (PHY interface modes) it supports: • 6-pin (Tx: Dat/Se0 or Tx: Dp/ ) unidirectional mode • 4-pin bidirectional mode • 3-pin bidirectional Copyright © 2010–2011, Texas Instruments Incorporated Timing Requirements and Switching Characteristics 229 Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |