Electronic Components Datasheet Search
  English  ▼

X  

THS7360IPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS7360IPWR
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7360IPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS7360IPWR Datasheet HTML 8Page - Texas Instruments THS7360IPWR Datasheet HTML 9Page - Texas Instruments THS7360IPWR Datasheet HTML 10Page - Texas Instruments THS7360IPWR Datasheet HTML 11Page - Texas Instruments THS7360IPWR Datasheet HTML 12Page - Texas Instruments THS7360IPWR Datasheet HTML 13Page - Texas Instruments THS7360IPWR Datasheet HTML 14Page - Texas Instruments THS7360IPWR Datasheet HTML 15Page - Texas Instruments THS7360IPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SD1OUT
SD2OUT
SD3OUT
DisableSD
GND
DisableSF
SF1OUT
SF2OUT
SF3OUT
BypassSF
SD1IN
SD2IN
SD3IN
Filter2
V
S+
Filter1
SF1IN
SF2IN
SF3IN
BypassSD
THS7360
SLOS674 – JUNE 2010
www.ti.com
PIN CONFIGURATION
PW PACKAGE
TSSOP-20
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
I/O
DESCRIPTION
SD1 IN
1
I
Standard-definition video input, channel 1; LPF = 9.5 MHz
SD2 IN
2
I
Standard-definition video input, channel 2; LPF = 9.5 MHz
SD3 IN
3
I
Standard-definition video input, channel 3; LPF = 9.5 MHz
Filter 2
4
I
Used in conjunction with Filter 1 for selecting the LPF on SF channels
VS+
5
I
Positive power-supply pin; connect to +2.7 V up to +5 V
Filter 1
6
I
Used in conjunction with Filter 2 for selecting the LPF on SF channels
SF1 IN
7
I
Component or RGB video input, channel 1
SF2 IN
8
I
Component or RGB video input, channel 2
SF3 IN
9
I
Component or RGB video input, channel 3
Bypass all SD channel filters. Logic high bypasses the internal filters and logic low engages the
Bypass SD
10
I
internal filters.
Bypass all SF channel filters. Logic high bypasses the internal filters and logic low engages the
Bypass SF
11
I
internal filters.
SF3 OUT
12
O
Component or RGB video output, channel 3
SF2 OUT
13
O
Component or RGB video output, channel 2
SF1 OUT
14
O
Component or RGB video output, channel 1
Disable selectable filter channels. Logic high disables the SF channels and logic low enables the SF
Disable SF
15
I
channels.
GND
16
I
Ground pin for all internal circuitry
Disable standard definition channels. Logic high disables the SD channels and logic low enables the
Disable SD
17
I
SD channels.
SD3 OUT
18
O
Standard-definition video output, channel 3; LPF = 9.5 MHz
SD2 OUT
19
O
Standard-definition video output, channel 2; LPF = 9.5 MHz
SD1 OUT
20
O
Standard-definition video output, channel 1; LPF = 9.5 MHz
12
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): THS7360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com