Electronic Components Datasheet Search
  English  ▼

X  

THS7360IPWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS7360IPWR
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7360IPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS7360IPWR Datasheet HTML 15Page - Texas Instruments THS7360IPWR Datasheet HTML 16Page - Texas Instruments THS7360IPWR Datasheet HTML 17Page - Texas Instruments THS7360IPWR Datasheet HTML 18Page - Texas Instruments THS7360IPWR Datasheet HTML 19Page - Texas Instruments THS7360IPWR Datasheet HTML 20Page - Texas Instruments THS7360IPWR Datasheet HTML 21Page - Texas Instruments THS7360IPWR Datasheet HTML 22Page - Texas Instruments THS7360IPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
20
10
0
10
20
30
40
50
-
-
-
-
-
100k
1G
Frequency(Hz)
10M
100M
1M
V
=5V
Load=R ||10pF
DC-CoupledOutput
V =200mV
S+
L
O
PP
R =75 W
L
,BypassMode
R =150 W
L
,BypassMode
R =75 W
L
,FilterMode
R =150 W
L
,FilterMode
15.5
15.0
14.5
14.0
13.5
13.0
12.5
12.0
11.5
100k
100M
Frequency(Hz)
10M
1M
R =75 W
L
,BypassMode
R =150 W
L
,BypassMode
R =75 W
L
,FilterMode
R =150 W
L
,FilterMode
V
=5V
Load=R ||10pF
DC-CoupledOutput
V =200mV
S+
L
O
PP
120
110
100
90
80
70
60
50
100k
100M
Frequency(Hz)
10M
1M
V
=5V
Load=R ||10pF
DC-CoupledOutput
V =200mV
S+
L
O
PP
R =75
and150 W
L
W
FilterMode
45
0
45
90
135
180
225
270
315
360
-
-
-
-
-
-
-
-
100k
1G
Frequency(Hz)
10M
1M
100M
V
=5V
Load=R ||10pF
DC-CoupledOutput
V =200mV
S+
L
O
PP
R =75
and150 W
L
W
FilterMode
R =75
and150 W
L
W
BypassMode
20
10
0
10
20
30
40
50
-
-
-
-
-
100k
1G
Frequency(Hz)
10M
1M
100M
V
=5V
Load=150
||10pF
DC-CoupledOutput
S+
W
FilterMode
BypassMode
V =0.2V
O
PP
V =2V
O
PP
V =2V
O
PP
V =0.2V
O
PP
V =1V
O
PP
15.5
15.0
14.5
14.0
13.5
13.0
12.5
12.0
11.5
100k
100M
Frequency(Hz)
10M
1M
V
=5V
Load=150
||10pF
DC-CoupledOutput
S+
W
FilterMode
BypassMode
V =0.2V
and2V
O
PP
PP
V =2V
O
PP
V =0.2V
O
PP
V =1V
O
PP
THS7360
www.ti.com
SLOS674 – JUNE 2010
TYPICAL CHARACTERISTICS: 5 V, Standard-Definition (SD) Channels
With load = 150
Ω || 5 pF, dc-coupled input and output, unless otherwise noted.
SD CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
SD CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
RESPONSE
RESPONSE
Figure 25.
Figure 26.
SD CHANNELS GROUP DELAY vs FREQUENCY
SD CHANNELS PHASE vs FREQUENCY RESPONSE
RESPONSE
Figure 27.
Figure 28.
SD CHANNELS LARGE-SIGNAL GAIN vs FREQUENCY
SD CHANNELS LARGE-SIGNAL GAIN vs FREQUENCY
RESPONSE
RESPONSE
Figure 29.
Figure 30.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): THS7360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com