Electronic Components Datasheet Search
  English  ▼

X  

THS7360IPWR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS7360IPWR
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7360IPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS7360IPWR Datasheet HTML 19Page - Texas Instruments THS7360IPWR Datasheet HTML 20Page - Texas Instruments THS7360IPWR Datasheet HTML 21Page - Texas Instruments THS7360IPWR Datasheet HTML 22Page - Texas Instruments THS7360IPWR Datasheet HTML 23Page - Texas Instruments THS7360IPWR Datasheet HTML 24Page - Texas Instruments THS7360IPWR Datasheet HTML 25Page - Texas Instruments THS7360IPWR Datasheet HTML 26Page - Texas Instruments THS7360IPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
+V
S
External
Input/Output
Pin
Internal
Circuitry
75 W
S-VideoY'Out
CVBS
R
S-Video Y’
R
S-Video C’
R
Y'/G'
R
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SD1OUT
SD2OUT
SD3OUT
DisableSD
GND
DisableSF
SF1OUT
SF2OUT
SF3OUT
BypassSF
SD1IN
SD2IN
SD3IN
NC
V
S+
NC
SF1IN
SF2IN
SF3IN
BypassSD
THS7360
Bypass
SDLPF
Bypass
SFLPF
P' /B'
B
R
CVBS
P' /R'
R
R
75 W
75 W
S-VideoC'Out
75 W
75 W
75 W
Y'/G'Out
75 W
P' /B'Out
B
75 W
75 W
P' /R'Out
R
75 W
75 W
75 W
+2.7Vto
+5V
DisableSF
DisableSD
THS7360
www.ti.com
SLOS674 – JUNE 2010
INPUT OVERVOLTAGE PROTECTION
These diodes provide moderate protection to input
overdrive voltages above and below the supplies as
The THS7360 is built using a very high-speed,
well. The protection diodes can typically support
complementary, bipolar CMOS process. The internal
30 mA of continuous current when overdriven.
junction breakdown voltages are relatively low for
these
very
small
geometry
devices.
These
TYPICAL CONFIGURATION AND VIDEO
breakdowns are reflected in the Absolute Maximum
TERMINOLOGY
Ratings table. All input and output device pins are
protected with internal ESD protection diodes to the
A typical application circuit using the THS7360 as a
power supplies, as shown in Figure 42.
video buffer is shown in Figure 43. It shows a DAC or
encoder driving the input channels of the THS7360.
One channel is a CVBS connection while two other
channels are for the S-Video Y’/C’ signals of an SD
video system. These signals can be NTSC, PAL, or
SECAM signals. The other three channels are the
component
video
Y’/P’B/P’R (sometimes labeled
Y’U’V’ or incorrectly labeled Y’/C’B/C’R) signals. These
signals are typically 480i, 576i, 480p, 576p, 720p,
1080i, or up to 1080p60 signals. Because the filters
can be bypassed, other formats such as R'G'B' video
up to QXGA or UWXGA can also be supported with
Figure 42. Internal ESD Protection
the THS7360.
(1) SF indicates selectable filter.
Figure 43. Typical Six-Channel System Inputs from DC-Coupled Encoder/DAC with DC-Coupled Line
Driving
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): THS7360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com