Electronic Components Datasheet Search
  English  ▼

X  

ISO3080 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3080
Description  ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO3080 Datasheet(HTML) 5 Page - Texas Instruments

  ISO3080 Datasheet HTML 1Page - Texas Instruments ISO3080 Datasheet HTML 2Page - Texas Instruments ISO3080 Datasheet HTML 3Page - Texas Instruments ISO3080 Datasheet HTML 4Page - Texas Instruments ISO3080 Datasheet HTML 5Page - Texas Instruments ISO3080 Datasheet HTML 6Page - Texas Instruments ISO3080 Datasheet HTML 7Page - Texas Instruments ISO3080 Datasheet HTML 8Page - Texas Instruments ISO3080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Input
I I
VI
VCC1
DE
A
B
VOB
VOA
VOD
I OA
I OB
GND2
GND1
GND1
GND2
VOC
27 W
VOC
B
V B
V A
A
VOC(SS)
OC(p-p)
V
27 W
Generator: PRR= 100 kHz, 50 % duty
cycle, t r < 6ns, tf <6 ns, ZO = 50 W
Input
VOD
50 W
D
A
B
DE
VCC1
VI
Input
Generator
Generator: PRR = 100 kHz, 50 % duty cycle,
t r < 6ns, tf <6 ns, ZO = 50
3V
tf
tr
tPLH
tPHL
10%
90%
VOD
VI
90%
10%
VOD(H)
VOD(L)
includesfixtureand
instrumentationcapacitance
L
C
50%
50%
GND1
R =54
±1%
L
W
C =50pF
±20%
L
50%
50%
Input
Generator
50 W
3 Viftesting A output
,
0 ViftestingBoutput
S1
CLincludesfixtureand
instrumentation
capacitance
D
A
DE
50%
50%
3 V
VOH
tPZH
tPHZ
50%
90%
0 V
VO
VI
3Vor0V
VI
GND1
VO
C =50pF±20%
L
R =110
±1%
L
W
GeneratorPRR=50kHz,50%dutycycle,
t <6ns,t <6ns,Z
=50
r
f
O
W
0V
~
~
ISO3080, ISO3086
ISO3082, ISO3088
www.ti.com
SLOS581C – MAY 2008 – REVISED OCTOBER 2009
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 3. Test Circuit and Waveform Definitions For The Driver Common-Mode Output Voltage
Figure 4. Driver Switching Test Circuit and Voltage Waveforms
Figure 5. Driver High-Level Output Enable and Disable Time Test Circuit and Voltage Waveforms
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com