Electronic Components Datasheet Search
  English  ▼

X  

ISO3080 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3080
Description  ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO3080 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO3080 Datasheet HTML 3Page - Texas Instruments ISO3080 Datasheet HTML 4Page - Texas Instruments ISO3080 Datasheet HTML 5Page - Texas Instruments ISO3080 Datasheet HTML 6Page - Texas Instruments ISO3080 Datasheet HTML 7Page - Texas Instruments ISO3080 Datasheet HTML 8Page - Texas Instruments ISO3080 Datasheet HTML 9Page - Texas Instruments ISO3080 Datasheet HTML 10Page - Texas Instruments ISO3080 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
VCC
Input
Generator
50 W
R
A
B
C includesfixture
L
andinstrumentation
capacitance
RE
VI
VO
CL= 15 pF ±20%
S1
0 V
1.5 V
Generator: PRR =100 kHz, 50% dutycycle,
r< 6 ns, tf< 6ns, ZO= 50 W
t
50%
3 V
0 V
VI
VCC
VOL
tPZL
tPLZ
V
O
50%
50%
10%
1k
±1%
W
A
B
PulseGenerator
15 sduration
1%dutycycle
t ,t
100ns
m
£
r f
R
Note:Thistestisconductedtotestsurvivabilityonly.
DatastabilityattheRoutputisnotspecified.
D
+
_
RE
DE
0V
3V
100
±1%
W
D
R
DE
RE
54 W
GND1
V TEST
GND2
A
B
GND1
S 1
2V
0.8V
V
orV
OH
OL
1kW
CL =15pF
(includesprobeand
jigcapacitance)
V
orV
OH
OL
VCC1
VCC2
C=0.1 F
1%
m
±
C=0.1 F 1%
m ±
ISO3080, ISO3086
ISO3082, ISO3088
www.ti.com
SLOS581C – MAY 2008 – REVISED OCTOBER 2009
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 10. Receiver Enable Test Circuit and Waveforms, Data Output Low
Figure 11. Transient Over-Voltage Test Circuit
Figure 12. Half-Duplex Common-Mode Transient Immunity Test Circuit
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com