Electronic Components Datasheet Search
  English  ▼

X  

ELJPC2R2MF Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ELJPC2R2MF
Description  High Power Type PF, PE, PC, PA, PB
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC2R2MF Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ELJPC2R2MF Datasheet HTML 1Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 2Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 3Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 4Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 5Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 6Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
Part No.
Inductance
Self Resonant
Frequency
(MHz) min.
DC Resistance
( )
Rated
Current ✽
1
(mA) max.
Saturation
Rated Current ✽
2
(mA) max.
(µH)
Tolerance
(%)
Test Freq.
(MHz)
ELJPA2R2MF2
2.2
M : ±20 %
1
70
0.17 ±30 %
800
800
ELJPA4R7MF2
4.7
35
0.23 ±30 %
700
580
ELJPA100KF2
10
K : ±10 %
23
0.35 ±20 %
590
400
ELJPA220KF2
22
15
0.66 ±20 %
420
290
ELJPA330KF2
33
12
1.05 ±20 %
330
240
ELJPA470KF2
47
9.5
1.75 ±20 %
260
200
ELJPA680KF2
68
7.5
3.20 ±20 %
190
160
ELJPA101KF2
100
6.5
3.90 ±20 %
175
130
ELJPA221KF2
220
4.0
8.70 ±20 %
115
85
■ Standard Parts(PA2 Type)
✽1 Rated current is defined by maximum temperature rise of 40 Celsius.
✽2 Saturation Rated Current is defined by 30% change of inductance. -dL/L<-30%
Nov. 2009



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com