Electronic Components Datasheet Search
  English  ▼

X  

ELJPC2R2MF Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELJPC2R2MF
Description  High Power Type PF, PE, PC, PA, PB
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC2R2MF Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELJPC2R2MF Datasheet HTML 1Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 2Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 3Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 4Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 5Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 6Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
E
1
L
2
J
3
P
4
A
5
1
6
R
7
5
8
K
9
F
10
F
11
PF
PE
PC
PA
PB
1005 (0402)
1608 (0603)
2520 (1008)
3225 (1210)
4532 (1812)
1.5 nH
10 nH
220 nH
3.3
µH
47
µH
560
µH
1N5
10N
R22
3R3
470
561
±0.3 nH
±5%
±10 %
±20 %
D
J
K
M
Taping
Chip Inductors
Product code
Shape
Size : mm (inch)
Inductance
Inductance tolerance
Packaging Design No.
4. High Power Type PF, PE, PC, PA, PB
■ Features
● Low DCR and large current capability, suitable for power circuitry.
● Wire wound, resin molded chip inductor. (PC, PA, PB types)
● Unique Ceramic Core/Laser-cut technology (PF, PE type)
● Capable of being Re-flow or flow soldered.
● Wide line-up from 1005 to 4532 case sizes.
● Good for mounting.
■ Recommended Applications
● AV equipment, Wireless communication equipment and various types of general electronic equipment.
■ Explanation of Part Numbers
■Storage Conditions
● Package
: Normal temperature (–5 to 35 °C), normal humidity (85 %RH max.), shall not be exposed to
direct sunlight and harmful gases and care should be taken so as not to cause dew.
● Operating Temperature : –20 to +85 °C
■Storage Period
● Solderability may be reduced due to the conditions of high temperature and high humidity which causes the oxidation
of tin-plated terminals. Even if storage conditions are within specified limits, solderability may be reduced with the
passage of time. Therefore, please control the storage conditions and try to use the product within 6 months of receipt.
■Packaging
Refer 27 and 28 page.
■Soldering Conditions
Refer 29 page.
■Safety Precautions
Refer 30 page.
Jul. 2008


Similar Part No. - ELJPC2R2MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPC2R2MF PANASONIC-ELJPC2R2MF Datasheet
571Kb / 15P
Chip inductors
ELJPC2R2MF PANASONIC-ELJPC2R2MF Datasheet
283Kb / 5P
High Power Types PF, PE, PC, PA, PB
ELJPC2R2MF PANASONIC-ELJPC2R2MF Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
ELJPC2R2MF PANASONIC-ELJPC2R2MF Datasheet
220Kb / 10P
Low DCR and large current capability, suitable for power circuitry.
ELJPC2R2MF3 PANASONIC-ELJPC2R2MF3 Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
More results

Similar Description - ELJPC2R2MF

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
250mW GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
800mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
1.5W GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
250mW GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
1W GaAs Power FET (Pb-Free Type)
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
2W GaAs Power FET (Pb-Free Type)
logo
LIGITEK electronics co....
L8Y8G55162-PF LIGITEK-L8Y8G55162-PF Datasheet
126Kb / 7P
Pb BIPOLAR TYPE LED LAMPS
logo
Panasonic Semiconductor
ELJPF2N2DF PANASONIC-ELJPF2N2DF Datasheet
283Kb / 5P
High Power Types PF, PE, PC, PA, PB
ELJ-LA4R7KF PANASONIC-ELJ-LA4R7KF Datasheet
134Kb / 7P
4. High Power Type PF, PE, PC, PA, PB, LC, LA
logo
List of Unclassifed Man...
PA277Y ETC2-PA277Y Datasheet
80Kb / 4P
PA and PB Series Panel Protection Devices
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com