Electronic Components Datasheet Search
  English  ▼

X  

ELJPC2R2MF Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELJPC2R2MF
Description  High Power Type PF, PE, PC, PA, PB
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC2R2MF Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELJPC2R2MF Datasheet HTML 1Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 2Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 3Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 4Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 5Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 6Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.2
±0.1
0.2
±0.1
1.0
±0.05
0.5
±0.05
1.5 to 1.7
0.5 to 0.6
Part No.
Inductance
Q
SRF ✽
1
(MHz) min.
RDC ✽
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJPF2N2DFB
2.2
D : ±0.3 nH
100
7
100
5300
0.040
1900
ELJPF2N7DFB
2.7
5300
0.050
1800
ELJPF3N3DFB
3.3
5000
0.070
1500
ELJPF3N9DFB
3.9
4800
0.080
1400
ELJPF4N7DFB
4.7
4600
0.100
1300
ELJPF5N6DFB
5.6
4200
0.120
1200
ELJPF6N8JFB
6.8
J : ± 5 %
4000
0.160
1100
ELJPF8N2JFB
8.2
3700
0.210
900
ELJPF10NJFB
10
3200
0.260
750
● Recommended Land Pattern in mm (not to scale)
● Dimensions in mm (not to scale)
■ PF Type 1005 (0402)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
■ Standard Packing Quantity
● 10000 pcs./Reel
■ Standard Parts
Oct. 2006



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com