Electronic Components Datasheet Search
  English  ▼

X  

DRV8821 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8821
Description  DUAL STEPPER MOTOR CONTROLLER/DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8821 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8821 Datasheet HTML 4Page - Texas Instruments DRV8821 Datasheet HTML 5Page - Texas Instruments DRV8821 Datasheet HTML 6Page - Texas Instruments DRV8821 Datasheet HTML 7Page - Texas Instruments DRV8821 Datasheet HTML 8Page - Texas Instruments DRV8821 Datasheet HTML 9Page - Texas Instruments DRV8821 Datasheet HTML 10Page - Texas Instruments DRV8821 Datasheet HTML 11Page - Texas Instruments DRV8821 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
5
xOUT1
xOUT2
3
1
2
3
Drive current
Slow decay (brake)
Fast decay (reverse)
VM
1
2
DRV8821
SLVS912E – JANUARY 2009 – REVISED AUGUST 2010
www.ti.com
Current Regulation
The PWM chopping current is set by a comparator which compares the voltage across a current sense resistor
connected to the xISEN pins, multiplied by a factor of 5, with a reference voltage. The reference voltage is input
from the xVREF pin.
The full-scale (100%) chopping current is calculated as follows:
(1)
Example:
If a 0.22-
Ω sense resistor is used and the VREFx pin is 3.3 V, the full-scale (100%) chopping current is
3.3 V/(5 * 0.22
Ω) = 1.875 A.
The reference voltage is also scaled by an internal DAC that allows torque control for fractional stepping of a
bipolar stepper motor, as described in the "microstepping indexer" section below.
Decay Mode
During PWM current chopping, the H-bridge is enabled to drive through the motor winding until the PWM current
chopping threshold is reached. This is shown in Figure 2 as case 1. The current flow direction shown indicates
positive current flow in the step table below.
Once the chopping current threshold is reached, the H-bridge can operate in two different states, fast decay or
slow decay.
In fast decay mode, once the PWM chopping current level has been reached, the H-bridge reverses state to
allow winding current to flow in a reverse direction. As the winding current approaches zero, the bridge is
disabled to prevent any reverse current flow. Fast-decay mode is shown in Figure 2 as case 2.
In slow-decay mode, winding current is re-circulated by enabling both of the low-side FETs in the bridge. This is
shown in Figure 2 as case 3.
Figure 2. Decay Mode
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): DRV8821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com