Electronic Components Datasheet Search
  English  ▼

X  

DRV8821 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8821
Description  DUAL STEPPER MOTOR CONTROLLER/DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8821 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8821 Datasheet HTML 5Page - Texas Instruments DRV8821 Datasheet HTML 6Page - Texas Instruments DRV8821 Datasheet HTML 7Page - Texas Instruments DRV8821 Datasheet HTML 8Page - Texas Instruments DRV8821 Datasheet HTML 9Page - Texas Instruments DRV8821 Datasheet HTML 10Page - Texas Instruments DRV8821 Datasheet HTML 11Page - Texas Instruments DRV8821 Datasheet HTML 12Page - Texas Instruments DRV8821 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DRV8821
www.ti.com
SLVS912E – JANUARY 2009 – REVISED AUGUST 2010
The DRV8821 also supports a mixed decay mode. Mixed decay mode begins as fast decay, but after a period of
time (75% of the PWM cycle) switches to slow decay mode for the remainder of the fixed PWM period.
Mixed decay mode is only active if the current through the winding is decreasing (per the indexer step table); if
the current is increasing, then slow decay is always used.
Slow or mixed decay mode is selected by the state of the xDECAY pins - logic low selects slow decay, and logic
high selects mixed decay operation.
Blanking Time
After the current is enabled in an H-bridge, the voltage on the xISEN pin is ignored for a fixed period of time
before enabling the current sense circuitry. This blanking time is fixed at 3.75 ms. Note that the blanking time also
sets the minimum on time of the PWM.
Microstepping Indexer
Built-in indexer logic in the DRV8821 allows a number of different stepping configurations. The xUSM1 and
xUSM0 pins are used to configure the stepping format as shown in the table below:
xUSM1
xUSM0
STEP MODE
0
0
Full step (2-phase excitation)
0
1
½ step (1-2 phase excitation)
1
0
1/4 step (W1-2 phase excitation)
1
1
Eight microsteps/steps
The following table shows the relative current and step directions for different settings of xUSM1 and xUSM0. At
each rising edge of the xSTEP input, the indexer travels to the next state in the table. The direction is shown with
the DIR pin high; if the xDIR pin is low the sequence is reversed. Positive current is defined as xOUT1 = positive
with respect to xOUT2.
Note that the home state is 45 degrees. This state is entered at power-up, during sleep mode, or application of
xRESETn.
Motor AB and motor CD act independently, and their indexer logic functions identically.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DRV8821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com